Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE-3000-48-F Datasheet(PDF) 9 Page - CUI INC

Part # PSE-3000-48-F
Description  AC-DC HOT-SWAP POWER SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-3000-48-F Datasheet(HTML) 9 Page - CUI INC

Back Button PSE-3000-48-F Datasheet HTML 5Page - CUI INC PSE-3000-48-F Datasheet HTML 6Page - CUI INC PSE-3000-48-F Datasheet HTML 7Page - CUI INC PSE-3000-48-F Datasheet HTML 8Page - CUI INC PSE-3000-48-F Datasheet HTML 9Page - CUI INC PSE-3000-48-F Datasheet HTML 10Page - CUI INC PSE-3000-48-F Datasheet HTML 11Page - CUI INC PSE-3000-48-F Datasheet HTML 12Page - CUI INC PSE-3000-48-F Datasheet HTML 13Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
cui.com
date 07/22/2015
│ page 9 of 19
CUI Inc
│ SERIES: PSE-3000 │ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
APPLICATION NOTES (CONTINUED)
PMBus™ Non-Standard Extended Command Subset
Remote On/Off (PMBus™Operation Command 0x01)
This command can be used to turn the unit on and off via the PMBus™ interface.
If D1 (REMOTE_ENABLE) is LOW (enabled) then the PMBus™ Remote On/Off function can turn the unit off and on. If D1
(REMOTE_ENABLE) is HIGH (disabled) then the PMBus™ Remote On/Off function cannot turn the unit on or off and can be
ignored.
The bit encoding of the data byte of the command is as follows.
Opcode
(HEX)
Command
Name
No. of
Bytes
Type
Read /
Write
Command Description
16
FIRMWARE_REVISION
4
Block
R
Read vendor specific firmware revision (ASCII string). Example
case “A100”
17
BUILD
4
Block
R
Read vendor specific Build (ASCII string)
20
AUXILIARY_VOLTAGE
2
Word
R
Provides the measured output auxiliary voltage of the power
module. (Divide decimal value by 100)
8D
READ_TEMPERATURE_4
2
Word
R
This command shall return a select component temperature used
by the power module, in degrees Celsius.
8E
READ_TEMPERATURE_5
2
Word
R
This command shall return a select component temperature used
by the power module, in degrees Celsius.
Bits [7:6]
Bits [5:4]
Bits [3:2]
Bits [1:0]
Unit State
00
XX
XX
XX
Off
01
XX
XX
XX
Off
10
00
XX
XX
On
10
01
00
XX
No change
10
01
11
XX
No change
10
01
01
XX
On
10
01
10
XX
On
10
10
01
XX
On
10
10
10
XX
On
10
10
11
XX
No change
10
11
XX
XX
No change
11
XX
XX
XX
No change
For more information, please visit the product page.


Similar Part No. - PSE-3000-48-F

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-3000-48-F CUI-PSE-3000-48-F Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSE-3000-48-F

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000_15 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com