Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8672 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # A8672
Description  Fixed Frequency High Current Synchronous Buck Regulator With Fault Warnings and Power OK
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8672 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button A8672 Datasheet HTML 16Page - Allegro MicroSystems A8672 Datasheet HTML 17Page - Allegro MicroSystems A8672 Datasheet HTML 18Page - Allegro MicroSystems A8672 Datasheet HTML 19Page - Allegro MicroSystems A8672 Datasheet HTML 20Page - Allegro MicroSystems A8672 Datasheet HTML 21Page - Allegro MicroSystems A8672 Datasheet HTML 22Page - Allegro MicroSystems A8672 Datasheet HTML 23Page - Allegro MicroSystems A8672 Datasheet HTML 24Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Fixed Frequency High Current Synchronous Buck Regulator
With Fault Warnings and Power OK
A8672
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package EG, 28-Contact QFN
28
28
2
1
2
1
A
A Terminal #1 mark area
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
Concept Drawing For Reference Only; not for tooling use
(reference JEDEC MO-220WGHD-3 except for contact length)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown
C Reference land pattern layout (reference
IPC7351 QFN50P400X500X080-29M);
All pads a minimum of 0.20 mm from all adjacent pads; adjust as
necessary to meet application process requirements and PCB layout
tolerances; when mounting on a multilayer PCB, thermal vias at the
exposed thermal pad land can improve thermal dissipation (reference
EIA/JEDEC Standard JESD51-5)
B
28
2
1
PCB Layout Reference View
0.50 BSC
4.00 BSC
5.00 BSC
0.75 ±0.05
0.30
0.40±0.10
0.30
0.20 MIN
1
0.50
0.90
5.00
4.00
C
3.65
2.65
2.65
3.65
C
0.08
28X
SEATING
PLANE
C
D
D Coplanarity includes exposed thermal pad and terminals
±0.05


Similar Part No. - A8672

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8670 ALLEGRO-A8670 Datasheet
463Kb / 27P
   The A8670 is a synchronous buck converter capable of delivering up to 2 A.
A8670EESTR-T ALLEGRO-A8670EESTR-T Datasheet
463Kb / 27P
   The A8670 is a synchronous buck converter capable of delivering up to 2 A.
More results

Similar Description - A8672

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8650 ALLEGRO-A8650 Datasheet
2Mb / 31P
   Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Semtech Corporation
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
   Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
logo
Texas Instruments
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
   Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
logo
Texas Instruments
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Semtech Corporation
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com