Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-ID651-000 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-ID651-000
Description  d-sub technical data
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-ID651-000 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-ID651-000 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28.4
1.12
.
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
.
FEB22/07
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
S.SEMENOV
S.SEMENOV
P-ID651-000
A.GREEN
THIS DOCUMENT COTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
DO NOT SCALE DRAWING
FEB22/07
FEB22/07
REV - DESCRIPT - DATE - APPRVD
ID
1 OF 1
USB PLUG
2:1
.25
2B
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
.10
1
.X
.
.10
[2.583]
65.6 MAX
MAX
0.5
.02
2.54 MAX
56.4
2.22
24.4
.96
NOTES:
1. MATERIAL:
- SHELL: ZINC ALLOY DIE CAST, 3 MICRONS [120 MICRO"] MIN NICKEL OVERALL.
- NUT: ZINC ALLOY DIE CAST, 3 MICRONS [120 MICRO"] MIN NICKEL OVERALL.
- GASKETS: SILICONE RUBBER.
2. OPERATING TEMPERATURE: -40°C TO +105°C.
3. ENVIROMENT PERFORMANCE: IP67.
4. CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS.
5. PART NUMBER FOR ORDER IS ID651-000.
NUT
SHELL
USB CONNECTOR AND CABLE ARE NOT SUPPLIED
33.27
1.31
24.4
.96
65.9
REF.
2.59


Similar Part No. - P-ID651-000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-ID450-000 AMPHENOL-P-ID450-000 Datasheet
71Kb / 2P
   d-sub technical data
P-ID451-000 AMPHENOL-P-ID451-000 Datasheet
79Kb / 2P
   d-sub technical data
P-ID750-000 AMPHENOL-P-ID750-000 Datasheet
1Mb / 2P
   d-sub technical data
P-ID751-000 AMPHENOL-P-ID751-000 Datasheet
70Kb / 2P
   d-sub technical data
More results

Similar Description - P-ID651-000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com