Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM690SM6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM690SM6F
Description  3V Supervisor with Battery Switchover
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690SM6F Datasheet(HTML) 4 Page - STMicroelectronics

  STM690SM6F Datasheet HTML 1Page - STMicroelectronics STM690SM6F Datasheet HTML 2Page - STMicroelectronics STM690SM6F Datasheet HTML 3Page - STMicroelectronics STM690SM6F Datasheet HTML 4Page - STMicroelectronics STM690SM6F Datasheet HTML 5Page - STMicroelectronics STM690SM6F Datasheet HTML 6Page - STMicroelectronics STM690SM6F Datasheet HTML 7Page - STMicroelectronics STM690SM6F Datasheet HTML 8Page - STMicroelectronics STM690SM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
STM690/704/795/802/804/805/806
4/31
SUMMARY DESCRIPTION
The STM690/704/795/802/804/805/806 Supervi-
sors are self-contained devices which provide mi-
croprocessor supervisory functions with the ability
to
non-volatize
and
write-protect
external
LPSRAM. A precision voltage reference and com-
parator monitors the VCC input for an out-of-toler-
ance condition. When an invalid VCC condition
occurs, the reset output (RST) is forced low (or
high in the case of RST). These devices also offer
a watchdog timer (except for STM704/795/806) as
well as a power-fail comparator (except for
STM795) to provide the system with an early
warning of impending power failure.
These devices are available in a standard 8-pin
SOIC package or a space-saving 8-pin TSSOP
package.
Figure 2. Logic Diagram (STM690/802/804/805)
Note: 1. For STM804/805, reset output is active-high and open
drain.
Figure 3. Logic Diagram (STM704/806)
Figure 4. Logic Diagram (STM795)
Table 2. Signal Names
Note: 1. Open drain for STM804/805 only.
2. STM795
AI08846
VCC VBAT
STM690/
802/804/
805
VSS
VOUT
RST(RST)(1)
WDI
PFI
PFO
AI08847
VCC VBAT
STM704
STM806
VSS
VOUT
RST
MR
PFI
PFO
MR
Push-button Reset Input
WDI
Watchdog Input
RST
Active-Low Reset Output
RST(1)
Active-High Reset Output
E(2)
Chip Enable Input
ECON
(2)
Conditioned Chip Enable Output
Vccsw(2)
VCC Switch Output
VOUT
Supply Voltage Output
VCC
Supply Voltage
VBAT
Back-up Supply Voltage
PFI
Power-fail Input
PFO
Power-fail Output
VSS
Ground
AI08848
VCC VBAT
STM795
VSS
VOUT
RST
VCCSW
E
ECON


Similar Part No. - STM690SM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690SM6F STMICROELECTRONICS-STM690SM6F Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690SM6F STMICROELECTRONICS-STM690SM6F Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
More results

Similar Description - STM690SM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com