Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

155124M173200 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 155124M173200
Description  WL-SFSW SMD Full-color Side view Waterclear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

155124M173200 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  155124M173200 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 155124M173200 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 155124M173200 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 155124M173200 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 155124M173200 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 155124M173200 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 155124M173200 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Properties
Test conditions
Value
Unit
min.
typ.
max.
Peak Wavelength (Red)
20 mA
λPeak R
632
nm
Peak Wavelength (Green)
20 mA
λPeak G
515
nm
Peak Wavelength (Blue)
20 mA
λPeak B
460
nm
Dominant Wavelength (Red)
20 mA
λDom R
622
nm
Dominant Wavelength (Green)
20 mA
λDom G
523
nm
Dominant Wavelength (Blue)
20 mA
λDom B
465
nm
Luminous Intensity (Red)
20 mA
IV R
350
450
mcd
Luminous Intensity (Green)
20 mA
IV G
600
850
mcd
Luminous Intensity (Blue)
20 mA
IV B
100
140
mcd
Forward Voltage (Red)
20 mA
VF R
2
2.4
V
Forward Voltage (Green)
20 mA
VF G
2.8
3.4
V
Forward Voltage (Blue)
20 mA
VF B
3
3.4
V
Spectral Bandwidth (Red)
20 mA
Δλ R
20
nm
Spectral Bandwidth (Green)
20 mA
Δλ G
30
nm
Spectral Bandwidth (Blue)
20 mA
Δλ B
20
nm
Reverse Current
5 V
IREV
1
μA
Viewing Angle
20 mA
50%
120
°
Electrical & Optical Properties:
Viewing Angle:
100
100
90
90
80
80
70
70
60
60
50
50
40
40
30
30
20
20
10
10
0
0
°
10
°
20
°
30
°
40
°
45
°
50
°
60
°
70
°
80
°
90
°
-45
-90
- 60
°
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PLD
DIN ISO 2768-1m
DESCRIPTION
WL-SFSW SMD Full-color Side
view Waterclear
ORDER CODE
155124M173200
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1204
001.000
Valid
2016-08-12
eiPal
2/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 155124M173200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
155124M173200A WURTH-155124M173200A Datasheet
825Kb / 9P
   WL-SFSW SMD Full-color Side view Waterclear
More results

Similar Description - 155124M173200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
155124M173200A WURTH-155124M173200A Datasheet
825Kb / 9P
   WL-SFSW SMD Full-color Side view Waterclear
155124M172400 WURTH-155124M172400 Datasheet
1Mb / 9P
   WL-SFSW SMT Full-color Side view Waterclear
001.001
155124VS73200A WURTH-155124VS73200A Datasheet
635Kb / 8P
   WL-SMSW SMD Mono-color Side view Waterclear
155124GS73200A WURTH-155124GS73200A Datasheet
635Kb / 8P
   WL-SMSW SMD Mono-color Side view Waterclear
155124RS73200A WURTH-155124RS73200A Datasheet
635Kb / 8P
   WL-SMSW SMD Mono-color Side view Waterclear
155124RG73200 WURTH-155124RG73200 Datasheet
562Kb / 7P
   WL-SBSW SMD bi-color Side view Waterclear
155124RV73200 WURTH-155124RV73200 Datasheet
562Kb / 7P
   WL-SBSW SMD bi-color Side view Waterclear
155124BS73200A WURTH-155124BS73200A Datasheet
635Kb / 8P
   WL-SMSW SMD Mono-color Side view Waterclear
155124YS73200A WURTH-155124YS73200A Datasheet
635Kb / 8P
   WL-SMSW SMD Mono-color Side view Waterclear
155124BS73200 WURTH-155124BS73200 Datasheet
2Mb / 9P
   WL-SMSW SMD chip LED side view mono-color waterclear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com