Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C14657 Datasheet(PDF) 1 Page - Cree, Inc

Part # C14657
Description  Strada series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C14657 Datasheet(HTML) 1 Page - Cree, Inc

  C14657 Datasheet HTML 1Page - Cree, Inc C14657 Datasheet HTML 2Page - Cree, Inc C14657 Datasheet HTML 3Page - Cree, Inc C14657 Datasheet HTML 4Page - Cree, Inc C14657 Datasheet HTML 5Page - Cree, Inc C14657 Datasheet HTML 6Page - Cree, Inc C14657 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Strada series
last update 24/11/2015
DETAILS
Product Number
C14657_STRADA-SQ-ANZ-V
Family
Strada
Type
Lens
Color
clear
Diameter
25x25 mm
Height
8,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
screw, tape, pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
24/11/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XHP35 HD
sim: Asym
Asymmetric sim: 94 % sim: 0.400 -
LUXEON M/MX
Asymmetric degAsymmetric 94 %
0.470
-
Duris P10
sim: AsymmetricAsymmetric sim: 92 % -
-
June 12th 2017 3:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14657

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14657 LEDIL-C14657 Datasheet
2Mb / 5P
   Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
More results

Similar Description - C14657

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
   Strada series
C13896 CREE-C13896 Datasheet
1Mb / 22P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com