Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1164 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1164
Description  Integrated Circuit TV Video Signal Processing Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1164 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1164 Datasheet HTML 1Page - NTE Electronics NTE1164 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC
Pin Connection Diagram
N.C.
Contrast Control
Deflect Pulse Input
Sync Output
Couple (From Pin 9)
Video Input (Sync Pos)
Blank Pulse Output
N.C.
Couple (To Pin 8)
Brightness Control
Video Input (Sync Neg)
GND
1
2
3
4
Video Input (Sync Pos)
5
6
7
16
15
14
13 N.C.
12
11 N.C.
10
8
9
.260 (6.6) Max
16
9
18
.785 (19.9) Max
.200 (5.08)
Max
.245
(6.22)
Min
.300 (7.62)
.700 (17.7)
.100 (2.54)


Similar Part No. - NTE1164

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
NTE1161 NTE-NTE1161 Datasheet
25Kb / 3P
   Integrated Circuit TV Video/Sound IF Amp, Detector
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
NTE1166 NTE-NTE1166 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Output, 5.8W for Car Radio & CB
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
More results

Similar Description - NTE1164

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
   Integrated Circuit TV Video Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
logo
Panasonic Semiconductor
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
   Video Signal Processing Circuit for TV Cameras
logo
NTE Electronics
NTE731 NTE-NTE731 Datasheet
78Kb / 3P
   Integrated Circuit TV Video Signal Processor
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
logo
List of Unclassifed Man...
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
NTE Electronics
NTE856 NTE-NTE856 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulation Circuit
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
   Color TV Deflection Signal Processing Circuit
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com