Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER503 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HER503
Description  5.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER503 Datasheet(HTML) 1 Page - Nanjing International Group Co

  HER503 Datasheet HTML 1Page - Nanjing International Group Co HER503 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER501
HER508
THRU
5.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
5.0
1.0
1.3
1.85
200
10
200
50
7
5
75
-65
+150
V
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.10 grams
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
5.0 Ampere
HER501 HER502 HER503 HER504 HER505 HER506 HER507 HER508
UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
* High speed switching
DO-27
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.04
3(1.1)
DIA.
.220(5.6)
.197(5.0)
DIA.
Operating and Storage Temperature Range T , T
J
STG
A
A
V
µA
µA
nS
pF
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - HER503

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
HER503 JUXING-HER503 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Mospec Semiconductor
HER503 MOSPEC-HER503 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
Nanjing International G...
HER503 DGNJDZ-HER503 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
HER503 BILIN-HER503 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER503 PFS-HER503 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER503

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER501-2C5A-2CDO-27 DGNJDZ-HER501-2C5A-2CDO-27 Datasheet
220Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER504-2C5A-2CDO-27 DGNJDZ-HER504-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5K-2C5A-2CDO-214AB DGNJDZ-US5K-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5M-2C5A-2CDO-214AB DGNJDZ-US5M-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5A-2C5A-2CDO-214AB DGNJDZ-US5A-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER507-2C5A-2CDO-27 DGNJDZ-HER507-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5B-2C5A-2CDO-214AB DGNJDZ-US5B-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
US5J-2C5A-2CDO-214AB DGNJDZ-US5J-2C5A-2CDO-214AB Datasheet
143Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER501 FORMOSA-HER501 Datasheet
34Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER506-2C5A-2CDO-27 DGNJDZ-HER506-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
HER508-2C5A-2CDO-27 DGNJDZ-HER508-2C5A-2CDO-27 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com