Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSS-B20-NP-04 Datasheet(PDF) 1 Page - CUI INC

Part # HSS-B20-NP-04
Description  two hole options for longer component pins
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSS-B20-NP-04 Datasheet(HTML) 1 Page - CUI INC

  HSS-B20-NP-04 Datasheet HTML 1Page - CUI INC HSS-B20-NP-04 Datasheet HTML 2Page - CUI INC HSS-B20-NP-04 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 04/03/2017
page 1 of 3
cui.com
MODEL: HSS-B20-NP-04
│ DESCRIPTION: HEAT SINK
FEATURES
• TO-220 package
• round hole for component attachment
• two hole options for longer component pins
• black anodized finish
MODEL
thermal resistance1
power
dissipation1
@ 75°C ΔT,
nat conv
(°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT,
nat conv
(W)
HSS-B20-NP-04
11.54
15.27
3.76
2.74
6.50
Note:
1. See performance curves for full thermal resistance details.
PERFORMANCE CURVES
0
10
20
30
40
50
60
70
80
90
100
01
23
45
6789
10
Dissipated Power (W)
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
15.27
3.76
2.74
2
27.05
7.51
5.43
3
38.74
11.26
8.23
4
48.62
15.04
11.17
5
59.41
18.81
13.89
6
69.24
22.56
16.83
7
79.43
26.28
19.71
8
88.27
30.18
22.48
9
95.85
33.95
25.41
10
104.56
37.87
28.29
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
For more information, please visit the product page.


Similar Part No. - HSS-B20-NP-04

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
   low profile design
HSS-B20-NP-02 CUI-HSS-B20-NP-02 Datasheet
292Kb / 3P
   HEAT SINK
HSS-B20-NP-03 CUI-HSS-B20-NP-03 Datasheet
303Kb / 3P
   clip for easy component attachment
HSS-B20-NP-06 CUI-HSS-B20-NP-06 Datasheet
264Kb / 3P
   round hole for component attachment
HSS-B20-NP-07 CUI-HSS-B20-NP-07 Datasheet
293Kb / 3P
   available with and without solder pins
More results

Similar Description - HSS-B20-NP-04

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-NP-12 CUI-HSS-B20-NP-12 Datasheet
309Kb / 3P
   two hole options for longer components pins
HSS-B20-NP-13 CUI-HSS-B20-NP-13 Datasheet
259Kb / 3P
   round hole for component attachment
HSS-B20-053H-01 CUI-HSS-B20-053H-01 Datasheet
330Kb / 3P
   round hole for component attachment
HSS-B20-NP-06 CUI-HSS-B20-NP-06 Datasheet
264Kb / 3P
   round hole for component attachment
logo
Infineon Technologies A...
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
BTS54220-LBE INFINEON-BTS54220-LBE Datasheet
2Mb / 72P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
logo
Ledil, Inc.
C16052 LEDIL-C16052 Datasheet
2Mb / 5P
   Variant with longer distance between location pins allowing high voltage circuit
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
logo
Xilinx, Inc
XQR1701LCC44M XILINX-XQR1701LCC44M Datasheet
97Kb / 11P
   Cascadable for storing longer or multiple bitstreams
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com