Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSS-B20-CP-01 Datasheet(PDF) 1 Page - CUI INC

Part # HSS-B20-CP-01
Description  with clip for easy component attachment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSS-B20-CP-01 Datasheet(HTML) 1 Page - CUI INC

  HSS-B20-CP-01 Datasheet HTML 1Page - CUI INC HSS-B20-CP-01 Datasheet HTML 2Page - CUI INC HSS-B20-CP-01 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 03/29/2017
page 1 of 3
cui.com
MODEL: HSS-B20-CP-01
│ DESCRIPTION: HEAT SINK
FEATURES
• TO-220 package
• with clip for easy component attachment
• low profile design
• black anodized finish
MODEL
thermal resistance1
power
dissipation1
@ 75°C ΔT,
nat conv
(°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT,
nat conv
(W)
HSS-B20-CP-01
28.85
32.65
6.32
4.85
2.60
Note:
1. See performance curves for full thermal resistance details.
PERFORMANCE CURVES
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
32.65
6.32
4.85
2
59.76
12.95
10.42
3
84.63
19.75
15.69
4
104.13
26.62
20.71
5
122.18
33.69
26.11
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
For more information, please visit the product page.


Similar Part No. - HSS-B20-CP-01

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-01 CUI-HSS-B20-01 Datasheet
319Kb / 3P
   slide in style for easy component attachment
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
   HEAT SINK
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
   solder pins for secure PCB mounting
HSS-B20-0452H CUI-HSS-B20-0452H Datasheet
325Kb / 3P
   shur-lock tabs
More results

Similar Description - HSS-B20-CP-01

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-NP-03 CUI-HSS-B20-NP-03 Datasheet
303Kb / 3P
   clip for easy component attachment
HSS-B20-NP-14 CUI-HSS-B20-NP-14 Datasheet
319Kb / 3P
   clip for easy component attachment
HSS-B20-07 CUI-HSS-B20-07 Datasheet
308Kb / 3P
   slide in style for easy component attachment
HSS-B20-01 CUI-HSS-B20-01 Datasheet
319Kb / 3P
   slide in style for easy component attachment
HSS-B20-NP-13 CUI-HSS-B20-NP-13 Datasheet
259Kb / 3P
   round hole for component attachment
HSS-B20-053H-01 CUI-HSS-B20-053H-01 Datasheet
330Kb / 3P
   round hole for component attachment
HSS-B20-NP-06 CUI-HSS-B20-NP-06 Datasheet
264Kb / 3P
   round hole for component attachment
logo
List of Unclassifed Man...
V-1000 ETC2-V-1000 Datasheet
64Kb / 1P
   COMPONENT CLIPS & MICROPHONE CLIP
logo
CUI INC
HSS-B20-05H CUI-HSS-B20-05H Datasheet
340Kb / 3P
   round hole component attachment
logo
CAMBION Electronic Comp...
410-2247 CAMBION-410-2247 Datasheet
31Kb / 1P
   Component Clip, .040 (1,02) Slot, Swage mount with solder turret
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com