Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSS-B20-NP-10 Datasheet(PDF) 2 Page - CUI INC

Part # HSS-B20-NP-10
Description  slide in style for easy component attachment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSS-B20-NP-10 Datasheet(HTML) 2 Page - CUI INC

  HSS-B20-NP-10 Datasheet HTML 1Page - CUI INC HSS-B20-NP-10 Datasheet HTML 2Page - CUI INC HSS-B20-NP-10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: HSS-B20-07 │ DESCRIPTION: HEAT SINK
date 03/29/2017
│ page 2 of 3
HSS-B20-061H-02
HSS-B20-0953H-02
HSS-B20-065V-02
HSS-B20-NP-10
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
MATERIAL
AL5052
FINISH
black anodized
THICKNESS
0.8 mm
PIN MATERIAL
brass
PIN PLATING
tin
WEIGHT
HSS-B20-061H-02: 1.8 g
HSS-B20-0953H-02: 1.8 g
HSS-B20-065V-02: 1.8 g
HSS-B20-NP-10: 1.7 g
For more information, please visit the product page.


Similar Part No. - HSS-B20-NP-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
   black anodized finish
HSS-B20-NP-12 CUI-HSS-B20-NP-12 Datasheet
309Kb / 3P
   two hole options for longer components pins
logo
CUI Devices
HSS-B20-NP-12 CUID-HSS-B20-NP-12 Datasheet
368Kb / 4P
   HEAT SINK
08/05/2022
logo
CUI INC
HSS-B20-NP-13 CUI-HSS-B20-NP-13 Datasheet
259Kb / 3P
   round hole for component attachment
HSS-B20-NP-14 CUI-HSS-B20-NP-14 Datasheet
319Kb / 3P
   clip for easy component attachment
More results

Similar Description - HSS-B20-NP-10

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-01 CUI-HSS-B20-01 Datasheet
319Kb / 3P
   slide in style for easy component attachment
HSS-B20-NP-03 CUI-HSS-B20-NP-03 Datasheet
303Kb / 3P
   clip for easy component attachment
HSS-B20-NP-14 CUI-HSS-B20-NP-14 Datasheet
319Kb / 3P
   clip for easy component attachment
HSS-B20-CP-01 CUI-HSS-B20-CP-01 Datasheet
261Kb / 3P
   with clip for easy component attachment
HSS-B20-NP-13 CUI-HSS-B20-NP-13 Datasheet
259Kb / 3P
   round hole for component attachment
HSS-B20-053H-01 CUI-HSS-B20-053H-01 Datasheet
330Kb / 3P
   round hole for component attachment
HSS-B20-NP-06 CUI-HSS-B20-NP-06 Datasheet
264Kb / 3P
   round hole for component attachment
HSS-B20-05H CUI-HSS-B20-05H Datasheet
340Kb / 3P
   round hole component attachment
logo
Tyco Electronics
15SRBX8 MACOM-15SRBX8 Datasheet
663Kb / 4P
   CORCOM SRB Series Power Line Filter with Slide-in Mounting Style
logo
Pasternack Enterprises,...
PE44645 PASTERNACK-PE44645 Datasheet
204Kb / 2P
   MMCX Plug Connector Crimp-Solder Attachment For RG178, RG196, Easy Grip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com