Electronic Components Datasheet Search |
|
SQ1560 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SQ1560 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ● Guard ring for transient protection ● Low power loss,high efficiency ● High current capability,low VF ● High surge capacity MECHANICAL DATA ● Case: JEDEC DO-27 molded plastic ● Polarity: Color band denotes cathode ●Weight: 0.04ounces , 1.1grams ● Mounting position: Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL SQ1540 SQ1545 SQ1550 SQ1560 SQ1580 SQ15100 UNIT Maximum Recurrent Peak Reverse Voltage VRRM 40 45 50 60 80 100 V Maximum RMS Voltage VRMS 28 31.5 35 42 56 70 V Maximum DC Blocking Voltage VDC 40 45 50 60 80 100 V Maximum Average Forward Rectified Current @Tc=95 ℃ I(AV) A Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load(JEDEC Method) IFSM A Peak Forward Voltage at 15A DC(Note1) VF V Maximum DC Reverse Current @Tj=25℃ at Rated DC Bolcking Voltage @Tj=100℃ Tyical Junction Capacitance (Note2) CJ pF Typical Thermal Resistance (Note3) RθJc ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 4.The typical data above is for reference only(典型值仅供参考). Rev. 7, 16-Mar-2017 -55 to+200 15 320 0.55 0.5 0.7 0.8 50 3.5 -55 to+200 SQ1540 thru SQ15100 Dimensions in inches and (millimeters) REVERSE VOLTAGE - 40 to 100Volts FORWARD CURRENT - 15.0 Amperes ●Metal of silicon rectifier , majority carrier conduction ● For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER NOTES:1.300us Pulse Width, 2%Duty Cycle. 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. mA 3.Thermal Resistance Junction to case. IR 450 DO- 27 TC measurement point 壳温量测点 |
Similar Part No. - SQ1560 |
|
Similar Description - SQ1560 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |