Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK37-HFA0-K02 Datasheet(PDF) 4 Page - SICK AG

Part # SEK37-HFA0-K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SEK37-HFA0-K02 Datasheet(HTML) 4 Page - SICK AG

  SEK37-HFA0-K02 Datasheet HTML 1Page - SICK AG SEK37-HFA0-K02 Datasheet HTML 2Page - SICK AG SEK37-HFA0-K02 Datasheet HTML 3Page - SICK AG SEK37-HFA0-K02 Datasheet HTML 4Page - SICK AG SEK37-HFA0-K02 Datasheet HTML 5Page - SICK AG SEK37-HFA0-K02 Datasheet HTML 6Page - SICK AG SEK37-HFA0-K02 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SEK37-HFA0-K02 | SEK/SEL37
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Axial
Proposed fitting
General tolerances according to DIN ISO 2768-mk
All dimensions in mm (inch)
nominal position
3.4
(0.13)
2
(0.08)
minimum depth
center flange 1.7 (0.07)
A
10
(0.39)
13
(0.51)
0.4
(0.02)
7.4+0.2
(0.29)
Rz 6.3
(0.25)
0.02
A
1:3
0.2±0.05
(0.01)
x 45°
Axial
PIN assignment
View of the plug-in face
PIN
Signal
Colour of wires (cable outlet)
Explanation
1
US
Red
Supply voltage
2
+ SIN
White
Process data channel
3
REFSIN
Brown
Process data channel
4
+ COS
Pink
Process data channel
5
REFCOS
Black
Process data channel
6
GND
Blue
Ground connection
7
Data +
Gray or yellow
Parameter channel RS 485
8
Data -
Green or purple
Parameter channel RS 485
The GND (0 V) connection of the supply voltage has no connection to the housing
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-05-10 11:53:11
Subject to change without notice


Similar Part No. - SEK37-HFA0-K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SEK37-HFB0-K02 SICK-SEK37-HFB0-K02 Datasheet
906Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SEK37-HFA0-K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRS50-HAA0-K22 SICK-SRS50-HAA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HXA0-K22 SICK-SRM50-HXA0-K22 Datasheet
998Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HPKT0K02 SICK-SFM60-HPKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HNKT0K02 SICK-SFM60-HNKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com