Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T5753 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. T5753
Description  UHF ASK/FSK TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5753 Datasheet(HTML) 3 Page - ATMEL Corporation

  T5753 Datasheet HTML 1Page - ATMEL Corporation T5753 Datasheet HTML 2Page - ATMEL Corporation T5753 Datasheet HTML 3Page - ATMEL Corporation T5753 Datasheet HTML 4Page - ATMEL Corporation T5753 Datasheet HTML 5Page - ATMEL Corporation T5753 Datasheet HTML 6Page - ATMEL Corporation T5753 Datasheet HTML 7Page - ATMEL Corporation T5753 Datasheet HTML 8Page - ATMEL Corporation T5753 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
T5753
4510F–RKE–07/04
Figure 3. Block Diagram
General Description
This fully integrated PLL transmitter allows particularly simple, low-cost RF miniature
transmitters to be assembled. The VCO is locked to 32 fXTAL hence a 9.8438 MHz
crystal is needed for a 315 MHz transmitter. All other PLL and VCO peripheral elements
are integrated.
The XTO is a series resonance oscillator so that only one capacitor together with a
crystal connected in series to GND are needed as external elements.
The crystal oscillator together with the PLL needs typically < 3 ms until the PLL is locked
and the CLK output is stable. There is a wait time of
≥ 3 ms until the CLK is used for the
microcontroller and the PA is switched on.
The power amplifier is an open-collector output delivering a current pulse which is nearly
independent from the load impedance. The delivered output power is hence controllable
via the connected load impedance.
This output configuration enables a simple matching to any kind of antenna or to 50
Ω. A
high power efficiency of
η=P
out/(IS,PA VS) of 40% for the power amplifier results when
an optimized load impedance of ZLoad = (255 + j192) Ω is used at 3 V supply voltage.
CLK
PA_ENABLE
ANT2
ANT1
ENABLE
GND
VS
XTAL
1
2
3
4
5
6
7
8
VCO
LF
CP
f
32
XTO
PLL
PA
f
4
Power up/down
T5753
PFD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MICRF104 1.8V QwikRadio™ UHF ASK Transmitter 1  2  3  4  5  More Micrel Semiconductor
U2741B UHF ASK/FSK TRANSMITTER 1  2  3  4  5  More ATMEL Corporation
RFPIC12F675K 20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter 1  2  3  4  5  More Microchip Technology
2SK1739A RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER 1  2  3  4  Sanyo Semicon Device
T48C862M-R3 Microcontroller with UHF ASK/FSK Transmitter 1  2  3  4  5  More ATMEL Corporation
2SK1739 N CHANNEL MOS TYPE RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER 1  2  3  Toshiba Semiconductor
RF2510 VHF/UHF TRANSMITTER 1  2  3  4  5  More RF Micro Devices
RFPIC12C509AG 18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter 1  2  3  4  5  More Microchip Technology
ATAM862-8 Microcontroller with UHF ASK/FSK Transmitter 1  2  3  4  5  More ATMEL Corporation
RF2512 UHF TRANSMITTER 1  2  3  4  5  More RF Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn