Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T5753 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. T5753
Description  UHF ASK/FSK TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

T5753 Datasheet(HTML) 2 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
T5753
4510F–RKE–07/04
Pin Configuration
Figure 2. Pinning TSSOP8L
1
2
3
4
8
7
6
5
CLK
PA_ENABLE
ANT2
ANT1
ENABLE
GND
VS
XTAL
T5753
Pin Description
Pin
Symbol
Function
Configuration
1CLK
Clock output signal for microcontroller
The clock output frequency is set by the
crystal to f
XTAL/4
2
PA_ENABLE
Switches on power amplifier, used for
ASK modulation
3
4
ANT2
ANT1
Emitter of antenna output stage
Open collector antenna output
5
XTAL
Connection for crystal
6
VS
Supply voltage
See ESD protection circuitry (see Figure 8 on page 8)
7
GND
Ground
See ESD protection circuitry (see Figure 8 on page 8)
8
ENABLE
Enable input
CLK
VS
100
100
PA_ENABLE
50k
U
ref = 1.1V
20 µA
ANT1
ANT2
XTAL
1.2k
VS
1.5k
VS
182 µA
ENABLE
200k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn