Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T5753 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. T5753
Description  UHF ASK/FSK TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

T5753 Datasheet(HTML) 1 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 4510F–RKE–07/04
Features
Integrated PLL Loop Filter
ESD Protection (4 kV HBM/ 200 V MM; Except Pin 2: 4 kV HBM/ 100 V MM)
also at ANT1/ANT2
High Output Power (8.0 dBm) with Low Supply Current (9.0 mA)
Modulation Scheme ASK/FSK
– FSK Modulation is Achieved by Connecting an Additional Capacitor Between the
XTAL Load Capacitor and the Open Drain Output of the Modulating Microcontroller
Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
Single Li-cell for Power Supply
Supply Voltage 2.0 V to 4.0 V in the Temperature Range of -40
° C to 85° C/125° C
Package TSSOP8L
Single-ended Antenna Output with High Efficient Power Amplifier
CLK Output for Clocking the Microcontroller
One-chip Solution with Minimum External Circuitry
125
° C Operation for Tire Pressure Systems
Description
The T5753 is a PLL transmitter IC which has been developed for the demands of RF
low-cost transmission systems at data rates up to 32 kBaud. The transmitting
frequency range is 310 MHz to 330 MHz. It can be used in both FSK and ASK
systems.
Figure 1. System Block Diagram
Demod.
IF Amp
LNA
VCO
PLL
XTO
Control
U3741B/
U3745B/
T5743/
T5744
1...3
Power
amp.
XTO
VCO
PLL
T5753
Antenna Antenna
UHF ASK/FSK
Remote control transmitter
UHF ASK/FSK
Remote control receiver
Encoder
ATARx9x
1 Li cell
Keys
UHF ASK/FSK
Transmitter
T5753


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn