Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM110N10-09-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUM110N10-09-E3
Description  N-Channel 100-V (D-S) 200C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N10-09-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUM110N10-09-E3 Datasheet HTML 1Page - Vishay Siliconix SUM110N10-09-E3 Datasheet HTML 2Page - Vishay Siliconix SUM110N10-09-E3 Datasheet HTML 3Page - Vishay Siliconix SUM110N10-09-E3 Datasheet HTML 4Page - Vishay Siliconix SUM110N10-09-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUM110N10-09
Vishay Siliconix
Document Number: 70677
S-32523—Rev. C, 08-Dec-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2000
4000
6000
8000
10000
0
255075
100
0
4
8
12
16
20
0
50
100
150
200
0
50
100
150
200
250
0
20
40
60
80
100
120
0.000
0.003
0.006
0.009
0.012
0.015
0
20
40
60
80
100
120
0
50
100
150
200
250
012
34
567
0
50
100
150
200
250
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
25_C
−55_C
TC = 125_C
VDS = 50 V
ID = 85 A
VGS = 10 thru 7 V
VGS = 10 V
Ciss
Coss
TC = −55_C
25_C
125_C
4 V
ID − Drain Current (A)
6 V
Crss
5 V


Similar Part No. - SUM110N10-09-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
161Kb / 8P
   N-Channel 100 V (D-S) 175 MOSFET
Rev. G, 22-Mar-10
logo
Inchange Semiconductor ...
SUM110N10-09 ISC-SUM110N10-09 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
159Kb / 8P
   N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SUM110N10-09 VISHAY-SUM110N10-09_17 Datasheet
161Kb / 8P
   N-Channel 100 V (D-S) 175 MOSFET
Rev. G, 22-Mar-10
SUM110N10-09 VISHAY-SUM110N10-09_V01 Datasheet
159Kb / 8P
   N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SUM110N10-09-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N04-03 VISHAY-SUM110N04-03 Datasheet
51Kb / 5P
   N-Channel 40-V (D-S) 200C MOSFET
Rev. C, 26-May-03
SUM110N06-04L VISHAY-SUM110N06-04L Datasheet
43Kb / 5P
   N-Channel 60-V (D-S) 200C MOSFET
Rev. B, 08-Apr-02
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com