Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110N04-04 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUM110N04-04
Description  N-Channel 40-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N04-04 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUM110N04-04 Datasheet HTML 1Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 2Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 3Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 4Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUM110N04-04
Vishay Siliconix
New Product
Document Number: 72077
S-22450—Rev. B, 20-Jan-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2000
4000
6000
8000
10000
0
8
16
24
32
40
0
4
8
12
16
20
0
50
100
150
200
250
0
50
100
150
200
250
0
153045
607590
0.000
0.001
0.002
0.003
0.004
0.005
0
20
40
60
80
100
120
0
50
100
150
200
250
012
34
567
0
50
100
150
200
250
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
25
_C
-55
_C
5 V
TC = 125_C
VDS = 30 V
ID = 85 A
VGS = 10 thru 7 V
VGS = 10 V
Ciss
Coss
TC = -55_C
25
_C
125
_C
4 V
Crss
ID - Drain Current (A)
6 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SUM60N04-12LT Temperature Sensing MOSFET N-Channel 40-V D-S 1  2  3  4  5  More Vishay Siliconix
SI2318DS N-Channel 40-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SUD70N03-06P N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUB85N04-03 N-Channel 40-V D-S 175C MOSFET 1  2  3  4  5  Vishay Siliconix
SI4840DY N-Channel 40-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7476DP N-Channel 40-V D-S Fast Switching MOSFET 1  2  3  4  5  Vishay Siliconix
SUM60N04-05LT N-Channel 40-V D-S MOSFET with Sensing Diode 1  2  3  4  5  Vishay Siliconix
SUD50N03-10 N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUD40N04-10A N-Channel 40-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUD23N06-31L N-Channel 60-V D-S 175C MOSFET Logic Level 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn