Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110N04-04 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUM110N04-04
Description  N-Channel 40-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N04-04 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUM110N04-04 Datasheet HTML 1Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 2Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 3Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 4Page - Vishay Siliconix SUM110N04-04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS: 1.8-V Rated
D 175_C Junction Temperature
APPLICATIONS
D Automotive
- ABS
- 12-V EPS
- Motor Drivers
SUM110N04-04
Vishay Siliconix
New Product
Document Number: 72077
S-22450—Rev. B, 20-Jan-03
www.vishay.com
1
N-Channel 40-V (D-S) 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
40
0.0035 @ VGS = 10 V
110 a
D
G
S
N-Channel MOSFET
TO-263
S
D
G
Top View
SUM110N04-04
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
Gate-Source Voltage
VGS
20
V
_
TC = 25_C
110a
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
107a
Pulsed Drain Current
IDM
350
A
Avalanche Current
IAR
60
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
180
mJ
TC = 25_C
250c
Maximum Power Dissipationb
TA = 25_C d
PD
3.75
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)d
RthJA
40
_
Junction-to-Case
RthJC
0.6
_C/W
Notes
a.
Package limited.
b.
Duty cycle
v 1%.
c.
See SOA curve for voltage derating.
d.
When mounted on 1” square PCB (FR-4 material).


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SUM60N04-12LT Temperature Sensing MOSFET N-Channel 40-V D-S 1  2  3  4  5  More Vishay Siliconix
SI2318DS N-Channel 40-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SUD70N03-06P N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUB85N04-03 N-Channel 40-V D-S 175C MOSFET 1  2  3  4  5  Vishay Siliconix
SI4840DY N-Channel 40-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7476DP N-Channel 40-V D-S Fast Switching MOSFET 1  2  3  4  5  Vishay Siliconix
SUM60N04-05LT N-Channel 40-V D-S MOSFET with Sensing Diode 1  2  3  4  5  Vishay Siliconix
SUD50N03-10 N-Channel 30-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUD40N04-10A N-Channel 40-V D-S 175C MOSFET 1  2  3  4  Vishay Siliconix
SUD23N06-31L N-Channel 60-V D-S 175C MOSFET Logic Level 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn