Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD23N06-31L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUD23N06-31L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD23N06-31L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD23N06-31L Datasheet HTML 1Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 2Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD23N06-31L
Vishay Siliconix
Document Number: 72145
S-03536—Rev. A, 24-Mar-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
246
8
10
12
0
200
400
600
800
1000
0
102030
405060
0.00
0.02
0.04
0.06
0.08
0.10
0
10203040
50
0
10
20
30
40
50
0
123
456
0
10
20
30
40
50
0
2468
10
0
8
16
24
32
0
5
10
15
20
25
Output Characteristics
Transfer Characteristics
Capacitance
Transconductance
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
25
_C
-55
_C
TC = 125_C
VDS = 30 V
ID = 23 A
VGS = 10 thru 6 V
VGS = 4.5 V
Crss
TC = - 55_C
25
_C
125
_C
4 V
VGS = 10 V
Ciss
Coss
ID - Drain Current (A)
Gate Charge
5 V
3 V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn