Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD23N06-31L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUD23N06-31L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD23N06-31L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD23N06-31L Datasheet HTML 1Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 2Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Junction Temperature
APPLICATIONS
D Automotive
- 12-V Systems
SUD23N06-31L
Vishay Siliconix
Document Number: 72145
S-03536—Rev. A, 24-Mar-03
www.vishay.com
1
N-Channel 60-V (D-S), 175
_C MOSFET, Logic Level
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)a
60
0.031 @ VGS = 10 V
23
60
0.045 @ VGS = 4.5 V
19.5
TO-252
S
GD
Top View
Drain Connected to Tab
Ordering Information: SUD23N06-31L
D
G
S
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)b
TC = 25_C
ID
23
Continuous Drain Current (TJ = 175_C)b
TC = 100_C
ID
16.5
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)
IS
23
Avalanche Current
IAR
20
Repetitive Avalanche Energy (Duty Cycle
v 1%)
L = 0.1 mH
EAR
20
mJ
Maximum Power Dissipation
TC = 25_C
PD
100
W
Maximum Power Dissipation
TA = 25_C
PD
3a
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Limit
Unit
Maximum Junction-to-Ambienta
t
p 10 sec.
RthJA
18
22
Maximum Junction-to-Ambienta
Steady State
RthJA
40
50
_C/W
Maximum Junction-to-Case
RthJC
3.2
4
Notes:
a.
Surface mounted on 1” x 1” FR4 Board, t
v 10 sec.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn