Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR1AM-12 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. BCR1AM-12
Description  LOW POWER USE GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR1AM-12 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  BCR1AM-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR1AM-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR1AM-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR1AM-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR1AM-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
44
IRGT III
IFGT I
IRGT I
IFGT III
TYPICAL EXAMPLE
101
7
5
3
2
10–1
23
5 7 100
100
7
5
3
2
23
5 7 101
4
4
44
10–1
TC = 125°C
IT = 1A
τ = 500µs
VD = 200V
TYPICAL EXAMPLE
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR1AM-12
LOW POWER USE
GLASS PASSIVATION TYPE
6
6
6
6
6V
6V
6V
6V
RG
RG
RG
RG
A
V
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
TEST PROCEDURE 4
GATE TRIGGER CHARACTERISTICS
TEST CIRCUITS


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CR2AM LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR3AMZ LOW POWER STROBE USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  Mitsubishi Electric Semiconductor
CR3EM LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR3JM LOW POWER STROBE USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  Mitsubishi Electric Semiconductor
CR3PM LOW POWER USE INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR02AM-8A LOW POWER USE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR03AM LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CR04AM LOW POWER USE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR08AS LOW POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
CR12AM MEDIUM POWER USE NON-INSULATED TYPE GLASS PASSIVATION TYPE 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn