Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTLPH16912 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTLPH16912
Description  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16912 Datasheet(HTML) 1 Page - Texas Instruments

  SN74GTLPH16912 Datasheet HTML 1Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 2Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 3Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 4Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 5Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 6Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 7Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 8Page - Texas Instruments SN74GTLPH16912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74GTLPH16912
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES288C – OCTOBER 1999 – REVISED JULY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of Texas Instruments’ Widebus
Family
D UBT Transceiver Combines D-Type
Latches and D-Type Flip-Flops for
Operation in Transparent, Latched,
Clocked, and Clock-Enabled Modes
D TI-OPC Circuitry Limits Ringing on
Unevenly Loaded Backplanes
D OEC Circuitry Improves Signal Integrity
and Reduces Electromagnetic Interference
D Bidirectional Interface Between GTLP
Signal Levels and LVTTL Logic Levels
D LVTTL Interfaces Are 5-V Tolerant
D Medium-Drive GTLP Outputs (50 mA)
D LVTTL Outputs (–24 mA/24 mA)
D GTLP Rise and Fall Times Designed for
Optimal Data-Transfer Rate and Signal
Integrity in Distributed Loads
D Ioff, Power-Up 3-State, and BIAS VCC
Support Live Insertion
D Bus Hold on A-Port Data Inputs
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description
The SN74GTLPH16912 is a medium-drive, 18-bit UBT
 transceiver that provides LVTTL-to-GTLP and
GTLP-to-LVTTL signal-level translation. It allows for transparent, latched, clocked, and clock-enabled modes
of data transfer. The device provides a high-speed interface between cards operating at LVTTL logic levels and
a backplane operating at GTLP signal levels. High-speed (about three times faster than standard TTL or LVTTL)
backplane operation is a direct result of GTLP’s reduced output swing (<1 V), reduced input threshold levels,
improved differential input, OEC
 circuitry, and TI-OPC circuitry. Improved GTLP OEC and TI-OPC circuits
minimize bus-settling time and have been designed and tested using several backplane models. The medium
drive allows incident-wave switching in heavily loaded backplanes with equivalent load impedance down
to 19
Ω.
GTLP is the Texas Instruments (TI
) derivative of the Gunning Transceiver Logic (GTL) JEDEC standard
JESD 8-3. The ac specification of the SN74GTLPH16912 is given only at the preferred higher noise-margin
GTLP, but the user has the flexibility of using this device at either GTL (VTT = 1.2 V and VREF = 0.8 V) or GTLP
(VTT = 1.5 V and VREF = 1 V) signal levels.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OEC, TI, TI-OPC, UBT, and Widebus are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DGG OR DGV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEAB
LEAB
A1
GND
A2
A3
VCC
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VCC
A16
A17
GND
A18
OEBA
LEBA
CEAB
CLKAB
B1
GND
B2
B3
BIAS VCC
B4
B5
B6
GND
B7
B8
B9
B10
B11
B12
GND
B13
B14
B15
VREF
B16
B17
GND
B18
CLKBA
CEBA


Similar Part No. - SN74GTLPH16912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

Similar Description - SN74GTLPH16912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com