Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSPEMI307A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. CSPEMI307A
Description  4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

CSPEMI307A Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CSPEMI307A
http://onsemi.com
2
ELECTRICAL SCHEMATIC
FILTER+ESDn*
GND
(Pins B1−B3)
*See Package/Pinout Diagrams for expanded pin information.
100 W
FILTER+ESDn*
1 of 4 EMI/RFI + ESD Channels
30 pF
30 pF
ESDn*
1 of 4 ESD−only Channels
30 pF
Table 1. PIN DESCRIPTIONS
Pin(s)
Name
Description
A1
ESD_1
ESD Channel 1
A2
FILTER+ESD_1
Filter + ESD Channel 1
A3
FILTER+ESD_2
Filter + ESD Channel 2
A4
FILTER+ESD_3
Filter + ESD Channel 3
A5
FILTER+ESD_4
Filter + ESD Channel 4
A6
ESD_2
ESD Channel 2
B1−B3
GND
Device Ground
C1
ESD_3
ESD Channel 3
C2
FILTER+ESD_1
Filter + ESD Channel 1
C3
FILTER+ESD_2
Filter + ESD Channel 2
C4
FILTER+ESD_3
Filter + ESD Channel 3
C5
FILTER+ESD_4
Filter + ESD Channel 4
C6
ESD_4
ESD Channel 4
PACKAGE / PINOUT DIAGRAMS
Bottom View
(Bumps Up View)
CSPEMI307A
CSP Package
C1 C2
C3 C4 C5
C6
A1 A2
A3 A4 A5
A6
B1
B2
B3
A1
Orientation
Marking
Top View
(Bumps Down View)
A
Orientation
Marking
(see Note)
+
B
C
123
307A
56
4
Note: Lead−free devices are specified by using a “+” character
for the top side orientation mark.
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Storage Temperature Range
−65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
600
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature Range
−40 to +85
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn