Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSPEMI307A Datasheet(PDF) 7 Page - ON Semiconductor

Part No. CSPEMI307A
Description  4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

CSPEMI307A Datasheet(HTML) 7 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CSPEMI307A
http://onsemi.com
7
APPLICATION INFORMATION
Parameter
Value
Pad Size on PCB
0.240 mm
Pad Shape
Round
Pad Definition
Non−Solder Mask defined pads
Solder Mask Opening
0.290 mm Round
Solder Stencil Thickness
0.125 mm − 0.150 mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300 mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance − Edge To Corner Ball
±50 mm
Solder Ball Side Coplanarity
±20 mm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead−free Devices using a Lead−free Solder Paste
260°C
Non−Solder Mask Defined Pad
0.240 mm DIA.
Solder Stencil Opening
0.300 mm DIA.
Solder Mask Opening
0.290 mm DIA.
Figure 8. Recommended Non−Solder Mask Defined Pad Illustration
Figure 9. Lead−free (SnAgCu) Solder Ball Reflow Profile
200
250
150
100
50
0
1:00.0
2:00.0
3:00.0
4:00.0
Time (minutes)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn