Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA14366 Datasheet(PDF) 2 Page - Cree, Inc

Part # CA14366
Description  Flare series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA14366 Datasheet(HTML) 2 Page - Cree, Inc

  CA14366 Datasheet HTML 1Page - Cree, Inc CA14366 Datasheet HTML 2Page - Cree, Inc CA14366 Datasheet HTML 3Page - Cree, Inc CA14366 Datasheet HTML 4Page - Cree, Inc CA14366 Datasheet HTML 5Page - Cree, Inc CA14366 Datasheet HTML 6Page - Cree, Inc CA14366 Datasheet HTML 7Page - Cree, Inc CA14366 Datasheet HTML 8Page - Cree, Inc CA14366 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/1
SIZE
A3
DRAWING TITLE
FLARE-MAXI (WITH TAPE)
PART NUMBER
FLARE-MAXI (WITH TAPE)
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Material: PMMA 8N / PU 2-SIDED ADHESIVE FOAM TAPE
Front view
2
Bottom view
Led position
33. 9
Top view
Isometric view
Lens
Tape


Similar Part No. - CA14366

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14366 LEDIL-CA14366 Datasheet
3Mb / 11P
   34 x 33 mm lens with ~100째 x 15째 oval beam
More results

Similar Description - CA14366

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12763 CREE-C12763 Datasheet
1Mb / 25P
   Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
   Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
   Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
   Flare series
CA12764 CREE-CA12764 Datasheet
2Mb / 39P
   Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
   Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
   Flare series
C13012 CREE-C13012 Datasheet
3Mb / 59P
   Flare series
C13016 CREE-C13016 Datasheet
1Mb / 22P
   Flare series
CA13058 CREE-CA13058 Datasheet
1Mb / 27P
   Flare series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com