Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIW3500 Datasheet(PDF) 11 Page - RF Micro Devices

Part # SIW3500
Description  ULTIMATEBLUE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW3500 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button SIW3500 Datasheet HTML 7Page - RF Micro Devices SIW3500 Datasheet HTML 8Page - RF Micro Devices SIW3500 Datasheet HTML 9Page - RF Micro Devices SIW3500 Datasheet HTML 10Page - RF Micro Devices SIW3500 Datasheet HTML 11Page - RF Micro Devices SIW3500 Datasheet HTML 12Page - RF Micro Devices SIW3500 Datasheet HTML 13Page - RF Micro Devices SIW3500 Datasheet HTML 14Page - RF Micro Devices SIW3500 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Preliminary
14-47
SiW3500
60 0066 R00Hrf SiW3500 Radio Processor DS
Current Consumption (TOP=+25°C, VBATT=3.0V using internal regulators)
*Note: Continuous transmit and receive currents are measured in operating modes where there is no activity in baseband digital circuits.
Digital Regulator Specification (TOP = 25°C)
Radio Specification
Receiver Specification1 (VBATT=3.3V, VCC=internal analog regulator output, TOP = 25°C)
Operating Mode
Average
Max
Unit
Standby
40
80
µA
Continuous transmit*
48
55
mA
Continuous receive*
54
60
mA
Parked slave, 1.28 sec. interval
90
µA
Inquiry scan, 1.28 sec interval
440
µA
Page scan, 1.28 sec. interval
560
µA
ACL connection, sniff mode, 40 ms interval
1.3
mA
ACL data transfer 723 kbps TX, 57 kbps RX
42
mA
SCO connection, HV3 packets
22
mA
Parameter
Description
Min
Typ
Max
Unit
Output voltage
(I OUT = 10 mA)
1.62
1.80
1.98
V
Line regulation
(I OUT = 0 mA, VBATT_DIG = 2.3 V to 3.63 V)
–8.0
mV
Load regulation
(I OUT = 3 mA to 80 mA)
–9.0
mV
Dropout voltage
(I OUT = 10 mA)
––
250
mV
Output maximum
current
Maximum supplied current while maintaining regulation
80
mA
Quiescent current
Off current
10
µA
Ripple rejection
f RIPPLE = 400 Hz
–40
dB
Parameter
Description
Min
Typ
Max
Unit
VCO Operating
Range
Frequency
2402
2480
MHz
PLL lock time
Average tune time
60
100
µs
Parameter
Description
Min
Typ
Max
Unit
Receiver sensitivity
BER < 0.1%
-85
-78
dBm
Maximum
usable signal
BER < 0.1%
-10
0
dBm
C/I co-channel
(0.1% BER)
Co-channel selectivity
+8.0
+10.0
dB
C/I 1 MHz
(0.1% BER)
Adjacent channel selectivity
-4.0
-3.0
dB
C/I 2 MHz
(0.1% BER)
2nd adjacent channel selectivity
-38.0
-35.0
dB
C/I
≥ 3 MHz
(0.1% BER)
3rd adjacent channel selectivity
-43.0
-40.0
dB
Out-of-band
blocking2
Fc/3
-23
dBm
Fc/2
-25
dBm
2 * Fc/3
-45
dBm
30 MHz - 2000 MHz
-10
dBm
2000 MHz - 2399 MHz
-27
dBm
2498 MHz - 3000 MHz
-27
dBm
3000 MHz - 12.75 GHz
-10
dBm


Similar Part No. - SIW3500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3000 RFMD-SIW3000 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
SIW3000AIP1 RFMD-SIW3000AIP1 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
SIW3000AIP1-T13 RFMD-SIW3000AIP1-T13 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
SIW3000GIG1 RFMD-SIW3000GIG1 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
SIW3000GIG1-T13 RFMD-SIW3000GIG1-T13 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
More results

Similar Description - SIW3500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3000 RFMD-SIW3000 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com