Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA11934 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA11934
Description  Emily series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA11934 Datasheet(HTML) 1 Page - Cree, Inc

  CA11934 Datasheet HTML 1Page - Cree, Inc CA11934 Datasheet HTML 2Page - Cree, Inc CA11934 Datasheet HTML 3Page - Cree, Inc CA11934 Datasheet HTML 4Page - Cree, Inc CA11934 Datasheet HTML 5Page - Cree, Inc CA11934 Datasheet HTML 6Page - Cree, Inc CA11934 Datasheet HTML 7Page - Cree, Inc CA11934 Datasheet HTML 8Page - Cree, Inc CA11934 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PRODUCT DATASHEET
Emily series
last update 9/6/2016
DETAILS
Product Number
CA11934_EMILY-W
Family
Emily
Type
Assembly
Color
clear
Diameter
26 mm
Height
14,9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
9/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
36 deg
Wide
86 %
-
-
XP-E
39 deg
Wide
86 %
1.600
-
XP-G
40 deg
Wide
86 %
1.500
-
XM-L HVW
sim: 36
Wide
86 %
-
-
XT-E
36 deg
Wide
-
1.500
-
XP-G2
38 deg
Wide
84 %
1.700
-
XP-E2
39 deg
Wide
84 %
1.700
-
XM-L2
39 deg
Wide
86 %
1.700
-
XP-L
38 deg
Wide
87 %
1.710
-
XP-L HI
36 deg
Wide
86 %
1.800
-
XHP35 HD
39 deg
Wide
83 %
1.600
-
LUXEON Rebel ES
40 deg
Wide
88 %
-
-
LUXEON Rebel
40 deg
Wide
86 %
-
-
LUXEON A
40 deg
Wide
84 %
-
-
NCSxx19A
40 deg
Wide
86 %
-
-
NVSxx19A
40 deg
Wide
86 %
-
-
NS9x383
34 deg
Wide
84 %
1.800
-
NCSxx19B
sim: 45
Wide
sim: 86 % sim: 1.000 -
Oslon SSL 80
40 deg
Wide
86 %
1.250
-
Oslon SSL 150
40 deg
Wide
86 %
-
-
Oslon Square EC
38 deg
Wide
84 %
1.860
-
Oslon Black Flat
sim: 32
Wide
sim: 94 % sim: 3.500 -
Oslon Black
sim: 36
Wide
sim: 96 % sim: 2.800 -
LH351B
38 deg
Wide
88 %
1.800
-
LH351Z
39 deg
Wide
85 %
1.700
-
June 9th 2017 5:17 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA11934

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11934 LEDIL-CA11934 Datasheet
6Mb / 12P
   ~40째 wide beam 14.74 mm high lens.
More results

Similar Description - CA11934

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
   Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
   Emily series
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
   Emily series
CA11390 CREE-CA11390 Datasheet
250Kb / 3P
   Emily series
CA12000 CREE-CA12000 Datasheet
939Kb / 14P
   Emily series
CA12068 CREE-CA12068 Datasheet
514Kb / 7P
   Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
   Emily series
logo
Ledil, Inc.
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
   Emily Assembly
logo
Cree, Inc
CA11391 CREE-CA11391 Datasheet
499Kb / 7P
   Emily series
CA12062 CREE-CA12062 Datasheet
2Mb / 35P
   Emily series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com