Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNBTVS Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBTVS
Description  Transil??for low noise block protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBTVS Datasheet(HTML) 4 Page - STMicroelectronics

  LNBTVS Datasheet HTML 1Page - STMicroelectronics LNBTVS Datasheet HTML 2Page - STMicroelectronics LNBTVS Datasheet HTML 3Page - STMicroelectronics LNBTVS Datasheet HTML 4Page - STMicroelectronics LNBTVS Datasheet HTML 5Page - STMicroelectronics LNBTVS Datasheet HTML 6Page - STMicroelectronics LNBTVS Datasheet HTML 7Page - STMicroelectronics LNBTVS Datasheet HTML 8Page - STMicroelectronics LNBTVS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
LNBTVS
4/13
DocID17882 Rev 4
Figure 4. Surge test examples at +4 kV - IEC 61000-4-5, R = 12
Figure 5. Surge test examples at 334 A and 500 A - IEC 61000-4-5, R = 2
LNBTVS4-221S
LNBTVS6-221S
LNBTVS4-220S
LNBTVS4-304S
LNBTVS6-304S
LNBTVS6-304S
334.0 A
500.0 A
334.0 A


Similar Part No. - LNBTVS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVS3-220 STMICROELECTRONICS-LNBTVS3-220 Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
LNBTVS3-220S STMICROELECTRONICS-LNBTVS3-220S Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
LNBTVS3-220U STMICROELECTRONICS-LNBTVS3-220U Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
LNBTVS3-221 STMICROELECTRONICS-LNBTVS3-221 Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
LNBTVS3-221S STMICROELECTRONICS-LNBTVS3-221S Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
More results

Similar Description - LNBTVS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
   Low capacitance TRANSIL??array for ESD protection
Rev 1 December 2005
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
ESDLIN1524BJ STMICROELECTRONICS-ESDLIN1524BJ Datasheet
107Kb / 7P
   TRANSIL??diode for ESD protection
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
logo
Bruckewell Technology L...
ESDA6V1W5 BWTECH-ESDA6V1W5 Datasheet
505Kb / 4P
   Transil array for data protection
logo
STMicroelectronics
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
   Single-line low capacitance Transil??for ESD protection
SOT323-3L STMICROELECTRONICS-SOT323-3L Datasheet
110Kb / 11P
   TRANSIL array for data protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com