Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9658TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 7Page - STMicroelectronics L9658TR Datasheet HTML 8Page - STMicroelectronics L9658TR Datasheet HTML 9Page - STMicroelectronics L9658TR Datasheet HTML 10Page - STMicroelectronics L9658TR Datasheet HTML 11Page - STMicroelectronics L9658TR Datasheet HTML 12Page - STMicroelectronics L9658TR Datasheet HTML 13Page - STMicroelectronics L9658TR Datasheet HTML 14Page - STMicroelectronics L9658TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
L9658
Electrical specification
Doc ID 14219 Rev 3
11/64
3.3
Electrical characteristics
3.3.1
DC characteristics
VRES = 6.5 to 35 V, VDD = 4.9 to 5.1 V, V8BUCK = 7.0 V to 8.5 V, Tamb = -40 °C to +95 °C
Table 6.
DC specification general
Symbol
Parameter
Test condition
Min.
Typ
Max.
Unit
VRST
(1)
Internal voltage reset VDD
VDD drops until deployment drivers
are disabled
4.0
-
4.5
V
VRST_L
(2)
2.1
-
3.0
IDD
Input current VDD
Normal operation; ICH1-4 = 0 A
6.2
-
8.6
mA
Short to –0.3 V on SQH; ICH1-4 = 0 A
5.5
-
9.5
Short to –0.3 V on SQL; ICH1-4 = 0A
5.5
-
9.5
Deployment; ICH1-4 = 0 A
5.5
-
9.5
RIREF_H
Resistance threshold IREF
-
20.0
-
60.0
k
RIREF_L
-
2.0
-
9.0
k
VIH_RESETB
Input voltage threshold
RESETB
--
-
2.0
V
VIL_RESETB
-0.8
-
-
V
VHYS
-100
-
400
mV
VIH_DEPEN Input voltage threshold
DEPEN
--
2.0
V
VIL_DEPEN
-0.8
-
-
V
IPD
Input pull-down current
DEPEN
VIN = VIL to VDD
10
-
50
A
VIH_TEST
Input voltage threshold TEST
--
-
3.6
V
VIL_TEST
-0.8
-
-
V
ITEST
Input pull-down current TEST TEST = 5 V
1.0
-
2.5
mA
IPU
Input pull-up current RESETB RESETB = VIH to GND
10
-
60
A
IV8BUCK
Current consumption
V8BUCK
-25
-
40
µA
VIH
Input voltage threshold MOSI,
MOSI_A, SCLK, SCLK_A,
CS_S, CS_D, CS_A
Input logic = 1
-
-
2.0
V
VIL
Input logic = 0
0.8
-
-
V
VHYS
-100
-
400
mV
ILKG
Input leakage current MOSI,
MOSI_A, SCLK, SCLK_A
VIN = VDD
--
1
A
VIN = 0 to VIH
-1
-
-
A
IPD
Input pull-down current
CS_S, CS_D, CS_A
VIN = VIL to VDD
10
-
50
A
VOH
Output voltage MISO,
MISO_A, MSG
IOH = -800 AVDD–0.8
-
V
VOL
IOL = 1.6 mA
-
-
0.4
V
IHI_Z
Tri-state current MISO,
MISO_A,
MISO = VDD
-
-
1
A
MISO = 0 V
-1
-
-
A
1.
VRST shall have a POR de-glitch timer.
2.
VRST L shall have no timer.


Similar Part No. - L9658TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9651 STMICROELECTRONICS-L9651 Datasheet
119Kb / 9P
   SMART QUAD SWITCH
logo
EPCOS
L9653M EPCOS-L9653M Datasheet
84Kb / 7P
   IF Filter for Audio Applications 33,90 MHz and 38,90 MHz
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
logo
EPCOS
L9654M EPCOS-L9654M Datasheet
85Kb / 7P
   SAW Components
logo
STMicroelectronics
L9654TR STMICROELECTRONICS-L9654TR Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
More results

Similar Description - L9658TR

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
GT-ARES GREYSTONE-GT-ARES Datasheet
301Kb / 1P
   ANALOG RESISTANCE MODULE
logo
IMP, Inc
C0810 IMP-C0810 Datasheet
30Kb / 2P
   CMOS 0.8mm High-Resistance Poly for Analog
logo
API Delevan
NSL-37V51 API-NSL-37V51 Datasheet
353Kb / 1P
   Passive resistance output
NSL-19-018 API-NSL-19-018 Datasheet
331Kb / 1P
   Passive resistance output
NSL-37V81 API-NSL-37V81 Datasheet
352Kb / 1P
   Passive resistance output
logo
WAGO Kontakttechnik Gmb...
753-461 WAGO-753-461 Datasheet
578Kb / 12P
   2-channel analog input; For Pt100/RTD resistance sensors
750-464 WAGO-750-464 Datasheet
549Kb / 12P
   4-channel analog input; for NTC resistance sensors; Adjustable
750-461-000-003 WAGO-750-461-000-003 Datasheet
481Kb / 12P
   2-channel analog input; For Pt1000/RTD resistance sensors
750-461-000-005 WAGO-750-461-000-005 Datasheet
473Kb / 11P
   2-channel analog input; For Ni1000/RTD resistance sensors
750-461-020-000 WAGO-750-461-020-000 Datasheet
467Kb / 12P
   2-channel analog input; For NTC 20k resistance sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com