Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7985FMCZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD7985FMCZ
Description  16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7985FMCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD7985FMCZ Datasheet HTML 3Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 4Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 5Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 6Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 7Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 8Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 9Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 10Page - Analog Devices EVAL-AD7985FMCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD7985
Data Sheet
Rev. C | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Analog Inputs
IN+, IN− to GND1
−0.3 V to VREF + 0.3 V
or ±130 mA
Supply Voltage
REF, BVDD to GND, REFGND
−0.3 V to +6.0 V
AVDD, DVDD, VIO to GND
−0.3 V to +2.7 V
AVDD, DVDD to VIO
−6 V to +3 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
20-Lead LFCSP
30.4°C/W
Lead Temperatures
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1
See the Analog Inputs section for an explanation of IN+ and IN−.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Similar Part No. - EVAL-AD7985FMCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7985EBZ AD-EVAL-AD7985EBZ Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

Similar Description - EVAL-AD7985FMCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com