Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7607BSTZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7607BSTZ-RL
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ-RL Datasheet(HTML) 5 Page - Analog Devices

  AD7607BSTZ-RL Datasheet HTML 1Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 2Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 3Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 4Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 5Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 6Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 7Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 8Page - Analog Devices AD7607BSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 4 of 32
SPECIFICATIONS
VREF = 2.5 V external/internal, AVCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 5.25 V, fSAMPLE = 200 kSPS, TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave, unless otherwise noted
Signal-to-(Noise + Distortion) (SINAD)2, 3
No oversampling; ±10 V range
84
84.5
dB
No oversampling; ±5 V range
83.5
84.5
dB
Signal-to-Noise Ratio (SNR)2
Oversampling by 4, fIN = 130 Hz
85.5
dB
No oversampling
84.5
dB
Total Harmonic Distortion (THD)2
−107
−95
dB
Peak Harmonic or Spurious Noise (SFDR)2
−108
dB
Intermodulation Distortion (IMD)2
fa = 1 kHz, fb = 1.1 kHz
Second-Order Terms
−110
dB
Third-Order Terms
−106
dB
Channel-to-Channel Isolation2
fIN on unselected channels up to 160 kHz
−95
dB
ANALOG INPUT FILTER
Full Power Bandwidth
−3 dB, ±10 V range
23
kHz
−3 dB, ±5 V range
15
kHz
−0.1 dB, ±10 V range
10
kHz
−0.1 dB, ±5 V range
5
kHz
tGROUP DELAY
±10 V Range
11
µs
±5 V Range
15
µs
DC ACCURACY
Resolution
No missing codes
14
Bits
Differential Nonlinearity2
±0.25
±0.95
LSB4
Integral Nonlinearity2
±0.25
±0.5
LSB
Positive/Negative Full-Scale Error2, 5
External reference
±2
±9
LSB
Internal reference
±2
LSB
Positive Full-Scale Error Drift2
External reference
±2
ppm/°C
Internal reference
±7
ppm/°C
Negative Full-Scale Error Drift
External reference
±4
ppm/°C
Internal reference
±8
ppm/°C
Positive/Negative Full-Scale Error
Matching2
±10 V range
2
8
LSB
±5 V range
4
10
LSB
Bipolar Zero Code Error2, 6
±10 V range
±0.5
±2
LSB
±5 V range
±1
±3.5
LSB
Bipolar Zero Code Error Drift2
±10 V range
10
µV/°C
±5 V range
5
µV/°C
Bipolar Zero Code Error Matching
±10 V range
1
2.5
LSB
±5 V range
3
6
LSB
Total Unadjusted Error (TUE)
±10 V range
±0.5
LSB
±5 V range
±1
LSB
ANALOG INPUT
Input Voltage Ranges
RANGE = 1
±10
V
RANGE = 0
±5
V
Input Current
+10 V
5.4
µA
+5 V
2.5
µA
Input Capacitance7
5
pF
Input Impedance
See the Analog Input section
1


Similar Part No. - AD7607BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7607BSTZ-RL AD-AD7607BSTZ-RL Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7607BSTZ-RL AD-AD7607BSTZ-RL Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
More results

Similar Description - AD7607BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com