Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3590DV Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI3590DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3590DV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3590DV Datasheet HTML 1Page - Vishay Siliconix SI3590DV Datasheet HTML 2Page - Vishay Siliconix SI3590DV Datasheet HTML 3Page - Vishay Siliconix SI3590DV Datasheet HTML 4Page - Vishay Siliconix SI3590DV Datasheet HTML 5Page - Vishay Siliconix SI3590DV Datasheet HTML 6Page - Vishay Siliconix SI3590DV Datasheet HTML 7Page - Vishay Siliconix SI3590DV Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
D TrenchFETr Power MOSFET
D Ultra Low rDS(on) N- and P-Channel for High
Efficiency
D Optimized for High-Side/Low-Side
D Minimized Conduction Losses
APPLICATIONS
D Portable Devices Including PDAs, Cellular
Phones and Pagers
Si3590DV
Vishay Siliconix
New Product
Document Number: 72032
S-21979—Rev. A, 04-Nov-02
www.vishay.com
1
N- and P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.077 @ VGS = 4.5 V
3
N-Channel
30
0.120 @ VGS = 2.5 V
2
0.170 @ VGS = -4.5 V
-2
P-Channel
-30
0.300 @ VGS = -2.5 V
-1.2
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
-30
Gate-Source Voltage
VGS
"12
"12
V
_
TA = 25_C
3
2.5
-2
-1.7
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
2.3
2.0
-1.6
-1.3
Pulsed Drain Current
IDM
8
-8
A
Continuous Source Current (Diode Conduction)a
IS
1.05
0.75
-1.05
-0.75
TA = 25_C
1.15
0.83
1.15
0.83
Maximum Power Dissipationa
TA = 70_C
PD
0.70
0.53
0.70
0.53
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
N-Channel
P-Channel
Parameter
Symbol
Typ
Max
Typ
Max
Unit
t
v 10 sec
93
110
93
110
Maximum Junction-to-Ambienta
Steady State
RthJA
130
150
130
150
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
75
90
75
90
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4558DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6544DQ N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI3552DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4539ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4532ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn