Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3458DV Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI3458DV
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI3458DV Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si3458DV
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70859
S-61517—Rev. B, 12-Apr-99
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 150_C
50
mA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
10
A
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 3.2 A
0.085
0.10
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 2.8 A
0.110
0.13
W
Forward Transconductancea
gfs
VDS = 4.5 V, ID = 3.2 A
8
S
Dynamicb
Total Gate Charge
Qg
V30 V V
10 V I
3 2 A
8
16
C
Gate-Source Charge
Qgs
VDS = 30 V, VGS = 10 V, ID = 3.2 A
4.0
nC
Gate-Drain Charge
Qgd
2.0
Turn-On Delay Time
td(on)
V30 V R
30
W
10
20
Rise Time
tr
VDD = 30 V, RL = 30 W
I
1 A V
10 V R
6
W
10
20
ns
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ 1 A, VGEN = 10 V, RG = 6 W
20
40
ns
Fall Time
tf
10
20
Source-Drain Rating Characteristicsb
Continuous Current
IS
1.7
A
Pulsed Current
ISM
15
A
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
1.2
V
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
50
90
ns
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn