Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP07N120 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SGP07N120
Description  Fast IGBT in NPT-technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGP07N120 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SGP07N120 Datasheet HTML 1Page - Infineon Technologies AG SGP07N120 Datasheet HTML 2Page - Infineon Technologies AG SGP07N120 Datasheet HTML 3Page - Infineon Technologies AG SGP07N120 Datasheet HTML 4Page - Infineon Technologies AG SGP07N120 Datasheet HTML 5Page - Infineon Technologies AG SGP07N120 Datasheet HTML 6Page - Infineon Technologies AG SGP07N120 Datasheet HTML 7Page - Infineon Technologies AG SGP07N120 Datasheet HTML 8Page - Infineon Technologies AG SGP07N120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGP07N120
SGB07N120
Power Semiconductors
1Jul-02
Fast IGBT in NPT-technology
• 40lower E
off compared to previous generation
• Short circuit withstand time – 10 µs
• Designed for:
- Motor controls
- Inverter
- SMPS
• NPT-Technology offers:
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
- parallel switching capability
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
Eoff
Tj
Package
Ordering Code
SGP07N120
1200V
8A
0.7mJ
150
°C
TO-220AB
Q67040-S4272
SGB07N120
TO-263AB(D2PAK)
Q67040-S4273
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
1200
V
DC collector current
TC = 25
°C
TC = 100
°C
I C
16.5
7.9
Pulsed collector current, tp limited by Tjmax
I Cp ul s
27
Turn off safe operating area
VCE
≤ 1200V, T
j
≤ 150°C
-
27
A
Gate-emitter voltage
VGE
±20
V
Avalanche energy, single pulse
IC = 8A, VCC = 50V, RGE = 25
Ω, start at T
j = 25
°C
EAS
40
mJ
Short circuit withstand time
1)
VGE = 15V, 100V
≤ V
CC
≤ 1200V, T
j
≤ 150°C
t SC
10
µs
Power dissipation
TC = 25
°C
Ptot
125
W
Operating junction and storage temperature
T j , T stg
-55...+150
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
G
C
E
P-TO-220-3-1
(TO-220AB)
P-TO-263-3-2 (D²-PAK)
(TO-263AB)


Similar Part No. - SGP07N120

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP011BSL GOOD-ARK-SGP011BSL Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier
SGP011BSL GOOD-ARK-SGP011BSL_15 Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
SGP0120SD GOOD-ARK-SGP0120SD Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier
SGP0120SD GOOD-ARK-SGP0120SD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20V Forward Current 1A
SGP0120SL GOOD-ARK-SGP0120SL Datasheet
266Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGP07N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com