Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ10 Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # SMCJ10
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMCJ10 Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  SMCJ10_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SMCJ10_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SMCJ10_17 Datasheet HTML 3Page - HY ELECTRONIC CORP. SMCJ10_17 Datasheet HTML 4Page - HY ELECTRONIC CORP. SMCJ10_17 Datasheet HTML 5Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Stand-off
Voltage
Test
Current
Maximum
Clamping
Voltage at IPPM
Maximum Peak
Pulse Surge
Current(Note2)
Maximum
Reverse
Leakage
at VWM
UNI
BI
UNI
BI
VWM (V)
Min(V)
Max(V)
@ IT(mA)
VC (V)
IPPM (A)
ID (µA)
SMCJ45
SMCJ45C
GFU
BFU
45
50.0
61.1
1.0
80.3
18.7
1.0
SMCJ45A
SMCJ45CA
GFV
BFV
45
50.0
55.3
1.0
72.7
20.6
1.0
SMCJ48
SMCJ48C
GFW
BFW
48
53.3
65.1
1.0
85.5
17.5
1.0
SMCJ48A
SMCJ48CA
GFX
BFX
48
53.3
58.9
1.0
77.4
19.4
1.0
SMCJ51
SMCJ51C
GFY
BFY
51
56.7
69.3
1.0
91.1
16.5
1.0
SMCJ51A
SMCJ51CA
GFZ
BFZ
51
56.7
62.7
1.0
82.4
18.2
1.0
SMCJ54
SMCJ54C
GGD
BBD
54
60.0
73.3
1.0
96.3
15.6
1.0
SMCJ54A
SMCJ54CA
GGE
BGE
54
60.0
66.3
1.0
87.1
17.2
1.0
SMCJ58
SMCJ58C
GGF
BBF
58
64.4
78.7
1.0
103.0
14.6
1.0
SMCJ58A
SMCJ58CA
GGG
BGG
58
64.4
71.2
1.0
93.6
16.0
1.0
SMCJ60
SMCJ60C
GGH
BGH
60
66.7
81.5
1.0
107.0
14.0
1.0
SMCJ60A
SMCJ60CA
GGK
BGK
60
66.7
73.7
1.0
96.8
15.5
1.0
SMCJ64
SMCJ64C
GGL
BGL
64
71.1
86.9
1.0
114
13.2
1.0
SMCJ64A
SMCJ64CA
GGM
BGM
64
71.1
78.6
1.0
103
14.6
1.0
SMCJ70
SMCJ70C
GGN
BGN
70
77.8
95.1
1.0
125
12.0
1.0
SMCJ70A
SMCJ70CA
GGP
BGP
70
77.8
86.0
1.0
113
13.3
1.0
SMCJ75
SMCJ75C
GGQ
BGQ
75
83.3
102.0
1.0
134
11.2
1.0
SMCJ75A
SMCJ75CA
GGR
BGR
75
83.3
92.1
1.0
121
12.4
1.0
SMCJ78
SMCJ78C
GGS
BGS
78
86.7
106.0
1.0
139
10.8
1.0
SMCJ78A
SMCJ78CA
GGT
BGT
78
86.7
95.8
1.0
126
11.9
1.0
SMCJ85
SMCJ85C
GGU
BGU
85
94.4
115
1.0
151
9.9
1.0
SMCJ85A
SMCJ85CA
GGV
BGV
85
94.4
104
1.0
137
10.9
1.0
SMCJ90
SMCJ90C
GGW
BGW
90
100
122
1.0
160
9.4
1.0
SMCJ90A
SMCJ90CA
GGX
BGX
90
100
111
1.0
146
10.3
1.0
SMCJ100
SMCJ100C
GGY
BGY
100
111
136
1.0
179
8.4
1.0
SMCJ100A SMCJ100CA GGZ
BGZ
100
111
123
1.0
162
9.3
1.0
SMCJ110
SMCJ110C
GHD
BHD
110
122
149
1.0
196
7.7
1.0
SMCJ110A SMCJ110CA GHE
BHE
110
122
135
1.0
177
8.5
1.0
SMCJ120
SMCJ120C
GHF
BHF
120
133
163
1.0
214
7.0
1.0
SMCJ120A SMCJ120CA GHG
BHG
120
133
147
1.0
193
7.8
1.0
SMCJ130
SMCJ130C
GHH
BHH
130
144
176
1.0
231
6.5
1.0
SMCJ130A SMCJ130CA GHK
BHK
130
144
159
1.0
209
7.2
1.0
SMCJ150
SMCJ150C
GHL
BHL
150
167
204
1.0
268
5.6
1.0
SMCJ150A SMCJ150CA GHM
BHM
150
167
185
1.0
243
6.2
1.0
SMCJ160
SMCJ160C
GHN
BHN
160
178
218
1.0
287
5.2
1.0
SMCJ160A SMCJ160CA GHP
BHP
160
178
197
1.0
259
5.8
1.0
SMCJ170
SMCJ170C
GHQ
BHQ
170
189
231
1.0
304
4.9
1.0
SMCJ170A SMCJ170CA GHR
BHR
170
189
209
1.0
275
5.5
1.0
SMCJ188
SMCJ188C
GHS
BHS
188
209
255
1.0
344
4.4
1.0
SMCJ188A SMCJ188CA GHT
BHT
188
209
231
1.0
328
4.6
1.0
SMCJ200A SMCJ200C
GHV
BHV
200
224
247
1.0
324
4.6
1.0
SMCJ220A SMCJ200CA GHX
BHX
220
246
272
1.0
356
4.2
1.0
SMCJ250A SMCJ250CA GHZ
BHZ
250
279
309
1.0
405
3.7
1.0
SMCJ300A SMCJ300CA GKE
BKE
300
335
371
1.0
486
3.1
1.0
SMCJ350A SMCJ350CA GKG
BKG
350
391
432
1.0
567
2.6
1.0
SMCJ400A SMCJ400CA GKK
BKK
400
447
494
1.0
648
2.3
1.0
SMCJ440A SMCJ440CA GKM
BKM
440
492
543
1.0
713
2.1
1.0
Note:1.Pulse test : Tp ≦ 50ms.
2.Surge current waveform Per Fig. 3 and derate Per Fig. 1.
3.For bi-directional types with VWM of 10 V and less, the ID limit is doubled
4.VF = 3.5 V at IF = 25 A (uni-directional only)
Rev. 8, 24-Apr-2017
SMCJ SERIES
Breakdown
Voltage at IT (Note1)
VBR (V)
Device Type
Marking Code


Similar Part No. - SMCJ10_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMCJ10A1T VISHAY-SMCJ10A1T Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
More results

Similar Description - SMCJ10_17

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Shenzhen Luguang Electr...
TGL34 LUGUANG-TGL34 Datasheet
354Kb / 4P
   Surface Mount Unidirectional and Bidirectional TVS
logo
HY ELECTRONIC CORP.
SMAJ10C HY-SMAJ10C_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com