Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAS2208 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # SAS2208
Description  PCI Express to 8-Port 6Gb/s SAS/SATA ROC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

SAS2208 Datasheet(HTML) 2 Page - Broadcom Corporation.

  SAS2208 Datasheet HTML 1Page - Broadcom Corporation. SAS2208 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information and sales office locations, please visit the LSI web sites at: lsi.com lsi.com/contacts
Phone: 1.866.574.5741 or 1.610.712.4323
LSI, LSI Design logo, Fusion-MPT, MegaRAID and MegaRAID Software Manager (MSM) are trademarks or registered trademarks of LSI Corporation.
All other brand and product names may be trademarks of their respective companies.
LSI Corporation reserves the right to make changes to any products and services herein at any time without notice. LSI does not assume
any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to
in writing by LSI; nor does the purchase, lease, or use of a product or service from LSI convey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual property rights of LSI or of third parties.
Copyright ©2010 by LSI Corporation. All rights reserved.
September 2010
LSI offers a complete selection of inter-
nal RAID product offerings for direct
attached storage (DAS) connectivity
and RAID-on-Motherboard (ROMB)
solutions. Integrated RAID (R0, 1, 1E, 10)
is a low cost, high performance RAID
solution designed for system environ-
ments requiring redundancy and high
availability where a full featured RAID
implementation is cost prohibitive or
not required.
For applications that require a full
featured RAID implementation,
MegaRAID® hardware RAID (0, 1, 5, 6,
10, 50, 60) is ideal for high performance
and high availability applications. In
addition to offering a complete suite of
RAID offerings, LSI also offers upgrade
paths from our low cost RAID solutions
to our full featured RAID enabled with
an activation key.
For ease of use, the LSI RAID products
are managed under a common man-
agement utility, MegaRAID Storage
Manager (MSM™).
LSI provides a complete suite of indus-
try standard operating system drivers.
Fusion-MPT Architecture Overview
Fusion-MPT architecture marks the next
generation of I/O architecture designed
to deliver the highest performance
available today while reducing time
to market, integration, and certifica-
tion time. Fusion-MPT devices are high
performance, cost-effective protocol
controllers that represent the newest
system- level integration technology in
intelligent I/O processors from LSI.
Please contact your LSI Sales Repre-
sentative for ordering information.
F E A T U R E S ( C o n t i n u e d )
n
PCI Express 3.0 Interface
– Supports x8, x4, x1 PCIe lanes at a
transfer rate up to 8.0 GT/s per lane,
full duplex
– Lane and polarity reversal
– SR-IOV (16 virtual functions)
– Supports End to End CRC (ECRC)
and Advanced Error Reporting (AER)
– PCI Express hot plug support
– Root Complex support
(LSISAS2208SP)
n
Advanced Power Management
support
– Slumber and Partial power mode
support for SAS and SATA devices
– Programmable SAS link power
down
– Variable PCIe bandwidth
negiotiation
n
External memory interface support
– 40/72-bit, DDR3-1333
– Flash ROM
– NVSRAM/SRAM
n
Communication Interfaces
– I2C interfaces for enclosure
management services
– UART and Ethernet interfaces
n
Security Features
– Full Disk Encryption Support (FDE)
– Advanced Encryption Standard
support
n
SFF-8485 Compliant, SGPIO
n
JTAG support
n
1020 HP-FPBGA (27mm)
8.0Gb/s
Full Duplex
X8 PCIe 3.0
PPC440
Processor
800MHz
32KB/32KB
72-bit
DDR3
SIO/GPIO, UART,
I2C (6), Ethernet
USB (2)
USB
10.7Gb/s
DMA
Engines and
Fusion-MPT
RAID/XOR
1333MHz
DDR3
Memory
Controller
1MB L2 Cache
DRAM BU
PPC440
Processor
800MHz
32KB/32KB
1MB L2 Cache
4MB Memory
4.8Gb/s
Full Duplex
SAS-2 Core - 6Gb/s
8 port
SAS/SATA
x4
Server
x4
SAS2208
SAS2x28
Up to 24 SAS HDDs
JBOD
Figure 1: LSISAS2208 Block Diagram
Figure 2: LSISAS2208 Topology Diagram


Similar Part No. - SAS2208

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SAS20011 CELDUC-SAS20011 Datasheet
109Kb / 2P
   SHORT CIRCUIT RELAY
SAS20021 CELDUC-SAS20021 Datasheet
109Kb / 2P
   SHORT CIRCUIT RELAY
SAS20121 CELDUC-SAS20121 Datasheet
109Kb / 2P
   SHORT CIRCUIT RELAY
logo
Broadcom Corporation.
SAS2308 BOARDCOM-SAS2308 Datasheet
581Kb / 2P
   PCI Express to 8-Port 6Gb/s SAS/SATA Controller
More results

Similar Description - SAS2208

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
SAS2308 BOARDCOM-SAS2308 Datasheet
581Kb / 2P
   PCI Express to 8-Port 6Gb/s SAS/SATA Controller
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-8I AVAGO-SAS9750-8I Datasheet
535Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9261-8I AVAGO-SAS9261-8I Datasheet
259Kb / 2P
   Eight-Port 6Gb/s PCI Express SATASAS RAID Controller
SAS9271-4I AVAGO-SAS9271-4I Datasheet
232Kb / 2P
   Four-Port 6Gb/s PCI Express 3.0 SATASAS RAID Controller
SAS9271-8I AVAGO-SAS9271-8I Datasheet
244Kb / 2P
   Eight-Port 6Gb/s PCI Express 3.0 SATASAS RAID Controller
SAS9270-8I AVAGO-SAS9270-8I Datasheet
229Kb / 2P
   Eight-Port 6Gb/s PCI Express 3.0 SATASAS RAID Controller
SAS9750-4I AVAGO-SAS9750-4I Datasheet
907Kb / 2P
   Four-Port 6Gb/s PCI Express SATASAS RAID Controller Card
SAS9260-4I AVAGO-SAS9260-4I Datasheet
272Kb / 2P
   Four-Port 6Gb/s PCI Express SATA and SAS RAID Controller
SAS9260-8I AVAGO-SAS9260-8I Datasheet
273Kb / 2P
   Eight-Port 6Gb/s PCI Express SATA and SAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com