Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK9S53-T5-A01 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LDBK9S53-T5-A01
Description  SURFACE MOUNT LED TAPE AND REEL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK9S53-T5-A01 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LDBK9S53-T5-A01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LDBK9S53-T5-A01 Datasheet HTML 12Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2.When soldering,do not put stress on the LEDs during heating.
1.Reflow soldering should not be done more than two times.
3.After soldering,do not warp the circuit board.
Note:
Above 220°C
60 sec.Max.
2 PB-Free Reflow Solder
Preheat
180~200°C
120 sec.Max.
1~5°C/sec
1~5°C/sec
1. Hand Solder
Basic spec is 320℃ 3 sec one time only.
260°C MaX. 10sec.Max
6°C/sec
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Recommended Soldering Conditions
Page 9/11
PART NO. LDBK9S53/T5-A01


Similar Part No. - LDBK9S53-T5-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK9S53-TR1 LIGITEK-LDBK9S53-TR1 Datasheet
141Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Similar Description - LDBK9S53-T5-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com