Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT312C Datasheet(PDF) 3 Page - CUI INC

Part # AMT312C
Description  MODULAR COMMUTATION ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT312C Datasheet(HTML) 3 Page - CUI INC

  AMT312C Datasheet HTML 1Page - CUI INC AMT312C Datasheet HTML 2Page - CUI INC AMT312C Datasheet HTML 3Page - CUI INC AMT312C Datasheet HTML 4Page - CUI INC AMT312C Datasheet HTML 5Page - CUI INC AMT312C Datasheet HTML 6Page - CUI INC AMT312C Datasheet HTML 7Page - CUI INC AMT312C Datasheet HTML 8Page - CUI INC AMT312C Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
date 10/13/2015
│ page 3 of 10
CUI Inc
│ SERIES: AMT31 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
PART NUMBER KEY
For customers that prefer a specific AMT31 configuration, please reference the custom configuration key below.
AMT31XX - XXXX - XXXX - XX - XX - X
Quadrature
Resolution (PPR):
0048
0096
0100
0125
0192
0200
0250
0256
0384
0400
0500
0512
0768
0800
1000
1024
1600
2000
2048
4096
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
SKIT = 8 sleeve kit
Orientation:
2 = Radial
3 = Axial
Base Number
AMT31-V KITS
In order to provide maximum flexibility for our customers, the AMT31 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
SLEEVES
2mm
3mm
1/8 inch
(3.175mm)
4mm
3/16 inch
(4.76mm)
5mm6mm
1/4 inch
(6.35mm)
8mm
Light Sky
Blue
Orange
Purple
Gray
YellowGreen
RedSnowBlue
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
Output Signals:
S = CMOS Voltage
Q = Quadrature Line Driver
C* = Commutation Line Driver
D* = Line Driver
*Radial orientation only.
Motor Poles:
02
10
04
12
06
20
08
Direction:
“blank” = CCW
CW = clockwise
AMT31XX-V
Orientation:
2 = Radial
3 = Axial
Output Signals:
S = CMOS Voltage
Q = Quadrature Line Driver
C* = Commutation Line
Driver
D* = Line Driver
*Radial orientation only.
ORDERING GUIDE
Mounting Base:
S = Standard
W= Wide
For more information, please visit the product page.


Similar Part No. - AMT312C

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT312C CUI-AMT312C Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
Lin Eng. Inc.
AMT312C LINENGINEERING-AMT312C Datasheet
234Kb / 2P
   CABLE
logo
CUI INC
AMT312C-0048-02-CW-S CUI-AMT312C-0048-02-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312C-0048-04-CW-S CUI-AMT312C-0048-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312C-0048-06-CW-S CUI-AMT312C-0048-06-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
More results

Similar Description - AMT312C

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com