Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3HRF5050S-TR1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # L3HRF5050S-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L3HRF5050S-TR1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  L3HRF5050S-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. L3HRF5050S-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Wavelength (nm)
Fig.4 Luminous Intensity vs. Temperature
Ambient Temperature(
)
Typical Electro-Optical Characteristics Curve
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Forward Current(mA)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0
0
50
100
150
050
100
150
0.0
1.0
2.0
3.0
-40
-20
0
20
40
60
0.5
1.0
1.5
2.0
80
100
0.94
-20
-40
40
20
080
100
60
0.8
0.0
0.2
0.4
0.6
1.0
1.2
HRFS CHIP
Fig.2 Luminous Intensity vs. Forward Current
5.0
4.0
6.0
2.5
3.0
0.96
0.98
1.00
1.02
1.04
1.06
0
550
600
650
700
0.5
1.0
75%
100%
-60
°
50%
75%
25%
25%
050%
Fig.6 Directive Radiation
-30
°
0
°
30
°
100%
60
°
PART NO. L3HRF5050S/TR1
Page 4/10


Similar Description - L3HRF5050S-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com