Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C750BIBS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C750BIBS
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C750BIBS Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C750BIBS Datasheet HTML 1Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 2Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 3Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 4Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 5Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 6Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 7Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 8Page - NXP Semiconductors SC16C750BIBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Philips Semiconductors
SC16C750B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Product data
Rev. 03 — 13 December 2004
4 of 44
9397 750 14453
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Pinning information
5.1 Pinning
Fig 2.
PLCC44 pin configuration.
Fig 3.
HVQFN32 pin configuration (top view).
SC16C750BIA44
002aaa589
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RCLK
RX
n.c.
TX
CS0
CS1
CS2
BAUDOUT
RESET
OUT1
DTR
RTS
OUT2
n.c.
INT
RXRDY
A0
A1
A2
002aaa949
SC16C750BIBS
(top view)
A1
CS
BAUDOUT
A0
TX
RXRDY
RX
INT
RCLK
RTS
D7
DTR
D6
OUT
D5
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area


Similar Part No. - SC16C750BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750BIBS NXP-SC16C750BIBS Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
More results

Similar Description - SC16C750BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com