Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4979H Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SAA4979H
Description  Sample rate converter with embedded high quality dynamic noise reduction and expansion port
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4979H Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SAA4979H Datasheet HTML 27Page - NXP Semiconductors SAA4979H Datasheet HTML 28Page - NXP Semiconductors SAA4979H Datasheet HTML 29Page - NXP Semiconductors SAA4979H Datasheet HTML 30Page - NXP Semiconductors SAA4979H Datasheet HTML 31Page - NXP Semiconductors SAA4979H Datasheet HTML 32Page - NXP Semiconductors SAA4979H Datasheet HTML 33Page - NXP Semiconductors SAA4979H Datasheet HTML 34Page - NXP Semiconductors SAA4979H Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
2002 May 28
31
Philips Semiconductors
Product specification
Sample rate converter with embedded high quality
dynamic noise reduction and expansion port
SAA4979H
Table 11 Power control
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Machine model class B, equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor (0 Ω is actually
0.75
µH+10 Ω).
2. Human body model class B, equivalent to discharging a 100 pF capacitor through a 1500
Ω series resistor.
SFR
ADDRESS
(HEX)
BIT
READ/WRITE
NAME
DESCRIPTION
Special function register 87H (PCON); reset value: 00H
87
0
read and write
IDL
Idle mode bit: 0 = normal operation, 1 = Idle mode operation
1
read and write
PD
Power-down bit: 0 = normal operation, 1 = Power-down mode
2to3
−−
reserved
4
read and write
WLE
Watchdog load enable: 0 = loading of Watchdog timer disabled,
1 = loading of Watchdog timer enabled
EW
enable Watchdog: 0 = Watchdog disabled, 1 = Watchdog enabled;
once this bit is set only a synchronous reset can clear it
5
read and write
RFI
radio frequency interference bit: disables toggling of internal ALE
signal during on-chip program access if set to logic 1
6
read and write
ARD
auxiliary RAM disable: setting this bit will force MOVX instructions
to access off-chip memory instead of AUXRAM
7
−−
reserved
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDD
digital supply voltage
−0.5
+4.0
V
VDDA
analog supply voltage
−0.5
+4.0
V
VDDI
internal I/O supply voltage
−0.5
+4.0
V
VDDO
I/O supply voltage
VDDD = 3.3 V
−0.5
+3.8
V
VDDP
supply voltage for protection circuits
−0.5
+5.5
V
VI
input voltage for all digital input pins
VDDP =5V
−0.5
+5.5
V
VDDP = 3.3 V
−0.5
+3.8
V
VI
input voltage for all digital I/O pins
−0.5
+3.8
V
IDD(tot)
total supply current
300
mA
IO
short circuit output current
30
mA
Ptot
total power dissipation
1.2
W
Tstg
storage temperature
−25
+150
°C
Tj
junction temperature
0
+125
°C
Tamb
ambient temperature
0
+70
°C
Ves
electrostatic handling voltage
note 1
−200
+200
V
note 2
−2000
+2000
V


Similar Part No. - SAA4979H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4970T PHILIPS-SAA4970T Datasheet
179Kb / 32P
   Economical video processing IC ECOBENDIC
1996 Oct 25
SAA4974 PHILIPS-SAA4974 Datasheet
173Kb / 28P
   Besic without ADC
1998 Apr 21
SAA4974H PHILIPS-SAA4974H Datasheet
173Kb / 28P
   Besic without ADC
1998 Apr 21
SAA4977H PHILIPS-SAA4977H Datasheet
186Kb / 32P
   Besic
1998 Jul 23
SAA4978 PHILIPS-SAA4978 Datasheet
296Kb / 56P
   Picture Improved Combined Network PICNIC
1999 May 03
More results

Similar Description - SAA4979H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4998H PHILIPS-SAA4998H Datasheet
175Kb / 39P
   Field and line rate converter with noise reduction and embedded memory
2004 Feb 18
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
logo
Asahi Kasei Microsystem...
AK4120 AKM-AK4120 Datasheet
250Kb / 30P
   Sample Rate Converter with Mixer and Volume
AKD4120 AKM-AKD4120_06 Datasheet
1Mb / 47P
   Sample Rate Converter with Mixer and Volume
logo
Texas Instruments
LM1894 TI1-LM1894 Datasheet
988Kb / 19P
[Old version datasheet]   Dynamic Noise Reduction System DNR
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com