Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT20100UYT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBT20100UYT
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBT20100UYT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBT20100UYT Datasheet HTML 1Page - Pan Jit International Inc. SBT20100UYT Datasheet HTML 2Page - Pan Jit International Inc. SBT20100UYT Datasheet HTML 3Page - Pan Jit International Inc. SBT20100UYT Datasheet HTML 4Page - Pan Jit International Inc. SBT20100UYT Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSBT20100UYT
November 7,2016-REV.02
Page 1
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Voltage
100 V
Current
20 A
TO-220AB
Unit: inch(mm)
Features
 Ultra low forward voltage drop, low power loss
 High efficiency operation
 Lead free in compliance with EU RoHS 2011/65/EU directive
 Green molding compound as per IEC61249 Std.. (Halogen Free)
Mechanical Data
 Case: Molded plastic, TO-220AB
 Terminals: solder plated, solderable per MIL-STD-750,Method 2026
 Approx. Weight: 0.067 ounces, 1.89 grams
Note : 1. Device mounted on a infinite heatsink , then measured the center of the marking side.
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum rms voltage
VRMS
70
V
Maximum dc blocking voltage
VR
100
V
Maximum average forward rectified current
IF(AV)
20
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
250
A
Typical thermal resistance (Note 1)
RθJC
3
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - SBT20100UYT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT_00001 PANJIT-SBT20100UCT_00001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT_10001 PANJIT-SBT20100UCT_10001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT_16 Datasheet
257Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT_T0_00001 PANJIT-SBT20100UCT_T0_00001 Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBT20100UYT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
   Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com