Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF201-2C2A-2CDO-15 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # UF201-2C2A-2CDO-15
Description  2.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF201-2C2A-2CDO-15 Datasheet(HTML) 1 Page - Nanjing International Group Co

  UF201-2C2A-2CDO-15 Datasheet HTML 1Page - Nanjing International Group Co UF201-2C2A-2CDO-15 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF200 THRU UF2010
2.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Tj=25 C
at Rated DC Blocking Voltage
Tj=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
2.0
1.0
1.1
1.7
60
5
500
50
75
35
-55
+150
V
A
A
V
uA
uA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
*
UF200
UF201
UF202
UF204
UF206
UF208
UF2010
UNITS
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
* High speed switching
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - UF201-2C2A-2CDO-15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF201 PANJIT-UF201 Datasheet
66Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
UF201 CHONGQING-UF201 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Transys Electronics
UF201 TRSYS-UF201 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Chongqing Pingwei Enter...
UF201 CHONGQING-UF201 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Pan Jit International I...
UF201 PANJIT-UF201 Datasheet
35Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results

Similar Description - UF201-2C2A-2CDO-15

ManufacturerPart #DatasheetDescription
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER201 UNIOHM-HER201 Datasheet
68Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER201 GWSEMI-HER201 Datasheet
69Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER205-2C2A-2CDO-15 DGNJDZ-HER205-2C2A-2CDO-15 Datasheet
221Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER207-2C2A.800V-2CDO-15 DGNJDZ-HER207-2C2A.800V-2CDO-15 Datasheet
221Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
MUR230-2C2A-2CDO-15 DGNJDZ-MUR230-2C2A-2CDO-15 Datasheet
268Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
UF208-2C2A-2CDO-15 DGNJDZ-UF208-2C2A-2CDO-15 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER207G-2C2A-2CDO-15 DGNJDZ-HER207G-2C2A-2CDO-15 Datasheet
237Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER201 DGNJDZ-HER201 Datasheet
221Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER201 FORMOSA-HER201 Datasheet
34Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
UF202-2C2A-2CDO-15 DGNJDZ-UF202-2C2A-2CDO-15 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com