Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72G9 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S3C72G9
Description  SAM47 INSTRUCTION SET
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72G9 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S3C72G9 Datasheet HTML 7Page - Samsung semiconductor S3C72G9 Datasheet HTML 8Page - Samsung semiconductor S3C72G9 Datasheet HTML 9Page - Samsung semiconductor S3C72G9 Datasheet HTML 10Page - Samsung semiconductor S3C72G9 Datasheet HTML 11Page - Samsung semiconductor S3C72G9 Datasheet HTML 12Page - Samsung semiconductor S3C72G9 Datasheet HTML 13Page - Samsung semiconductor S3C72G9 Datasheet HTML 14Page - Samsung semiconductor S3C72G9 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image

 

Table 5-12. Logic Instructions — High-Level Summary
Name
Operand
Operation Description
Bytes
Cycles
AND
A,#im
Logical-AND A immediate data to A
2
2
A,@HL
Logical-AND A indirect data memory to A
1
1
EA,RR
Logical-AND register pair (RR) to EA
2
2
RRb,EA
Logical-AND EA to register pair (RRb)
2
2
OR
A, #im
Logical-OR immediate data to A
2
2
A, @HL
Logical-OR indirect data memory contents to A
1
1
EA,RR
Logical-OR double register to EA
2
2
RRb,EA
Logical-OR EA to double register
2
2
XOR
A,#im
Exclusive-OR immediate data to A
2
2
A,@HL
Exclusive-OR indirect data memory to A
1
1
EA,RR
Exclusive-OR register pair (RR) to EA
2
2
RRb,EA
Exclusive-OR register pair (RRb) to EA
2
2
COM
A
Complement accumulator (A)
2
2
Table 5-13. Arithmetic Instructions — High-Level Summary
Name
Operand
Operation Description
Bytes
Cycles
ADC
A,@HL
Add indirect data memory to A with carry
1
1
EA,RR
Add register pair (RR) to EA with carry
2
2
RRb,EA
Add EA to register pair (RRb) with carry
2
2
ADS
A, #im
Add 4-bit immediate data to A and skip on carry
1
1 + S
EA,#imm
Add 8-bit immediate data to EA and skip on carry
2
2 + S
A,@HL
Add indirect data memory to A and skip on carry
1
1 + S
EA,RR
Add register pair (RR) contents to EA and skip on carry
2
2 + S
RRb,EA
Add EA to register pair (RRb) and skip on carry
2
2 + S
SBC
A,@HL
Subtract indirect data memory from A with carry
1
1
EA,RR
Subtract register pair (RR) from EA with carry
2
2
RRb,EA
Subtract EA from register pair (RRb) with carry
2
2
SBS
A,@HL
Subtract indirect data memory from A; skip on borrow
1
1 + S
EA,RR
Subtract register pair (RR) from EA; skip on borrow
2
2 + S
RRb,EA
Subtract EA from register pair (RRb); skip on borrow
2
2 + S
DECS
R
Decrement register ®; skip on borrow
1
1 + S
RR
Decrement register pair (RR); skip on borrow
2
2 + S
INCS
R
Increment register ®; skip on carry
1
1 + S
DA
Increment direct data memory; skip on carry
2
2 + S
@HL
Increment indirect data memory; skip on carry
2
2 + S
RRb
Increment register pair (RRb); skip on carry
1
1 + S


Similar Part No. - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72G9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
   Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
   Extended instruction set
May 2017 Rev 9
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
   Extended instruction set
September 2015 Rev 15
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
   SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
   Instruction Set Reference Manual
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com