Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2K Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # US2K
Description  2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

US2K Datasheet(HTML) 2 Page - Nanjing International Group Co

  US2K Datasheet HTML 1Page - Nanjing International Group Co US2K Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES (US2A THRU US2M)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
10
20
40
50
30
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.5
1.0
1.5
2.0
2.5
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
AMBIENT TEMPERATURE ( C)
1.6
1.8
REVERSE VOLTAGE,(V)
175
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100
125
150
175
0


Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US2K DGNJDZ-US2K Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Frontier Electronics.
US2K FRONTIER-US2K Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2K YIXIN-US2K Datasheet
158Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Shanghai Shunye Electro...
US2K SHUNYE-US2K Datasheet
1,020Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US2D-2C2A-2CDO-214AA DGNJDZ-US2D-2C2A-2CDO-214AA Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2G-2C2A-2CDO-214AC DGNJDZ-US2G-2C2A-2CDO-214AC Datasheet
126Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2ASMA DGNJDZ-US2ASMA Datasheet
93Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2G-2C2A-2CDO-214AA DGNJDZ-US2G-2C2A-2CDO-214AA Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2J-2C2A-2CDO-214AA DGNJDZ-US2J-2C2A-2CDO-214AA Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2K-2C2A-2CDO-214AA DGNJDZ-US2K-2C2A-2CDO-214AA Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2M-2C2A-2CDO-214AA DGNJDZ-US2M-2C2A-2CDO-214AA Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2D-2C2A-2CDO-214AC DGNJDZ-US2D-2C2A-2CDO-214AC Datasheet
0Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2M-2C2A-2CDO-214AC DGNJDZ-US2M-2C2A-2CDO-214AC Datasheet
126Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
US2A-2C2A-2CDO-214AA DGNJDZ-US2A-2C2A-2CDO-214AA Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com