Electronic Components Datasheet Search |
|
RS8234EBGD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
RS8234EBGD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 8 page a software driver to the RS8234, on top of which a system designer can develop and place proprietary driver software. This interface allows users to easily port their applications to the RS8234EVM. This software is written in C, and source code is available under license agreement. The RS8234EVM also includes documentation, a full set of design schematics, and artwork for the RS8234EVM PCI card. RS823xHPI Hardware Programming Interface The RS8234 Hardware Programming Interface (HPI) provides a set of fully-defined software primitives to interface with an ATM UNI port based on the RS8234 SAR. It serves as an interface point for system software designed to configure and manage the RS8234-based UNI without the necessity of detailed manipulation of hardware- related structures. It thus provides a layer of abstraction from the hardware for the system designer and user. RS8234HPI primitives are used by higher-level application software (such as network management and device drivers) to obtain ATM services as required by their upper protocol layers. These primitives handle SAR resource, control and status management. The RS823xHPI performs functions in the following categories: • RS8234 SAR device initialization • Memory resource allocation • Resource management • Connection management (including VCC setup and teardown, and processing status) • Segmentation/data transmission • Data reception/reassembly • Statistics gathering/error reporting • Diagnostic testing Benefits Shortens development time of customer system-specific ATM applications. Allows users to utilize only those functions they want and to incorporate those functions into their own applications. Users can establish ABR, CBR, UBR or VBR connections at VCC setup on each of over 32,000 channels. Provides detailed examples for control and management of the RS8234. Significantly shortens design time. Enables users to easily port their application to the RS8234EVM. Gives users a clear description of how the software and hardware function. Offers a layer of abstraction for ease of use of the RS823xHPI primitives. Reference device driver for VxWorks. Features Software reference design Modular software design Dynamic rate control per virtual channel SAR initialization and VCC control Well-defined, robust RS823xHPI interface Well-documented C source code RS823xHPI macro layer software |
Similar Part No. - RS8234EBGD |
|
Similar Description - RS8234EBGD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |