Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3502P Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # PD3502P
Description  GLASS PASSIVATED AUTO RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

PD3502P Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  PD3502P_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. PD3502P_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. PD3502P_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
● Low forward volage drop
● High current capability
● High reliability
● High surge current capability
MECHANICAL
● Case: OFC Heat Sink
● Encap:Epoxy Sealed Rated UL94V-0
● Weight: 7.05gram
P
Black
N
Brown
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ unless otherwise specified.
Single phase,half wave,60HZ,resistive or inductive load .
For capacitive load,deraate current by 20%
Maximum Peak Repetitive Reverse Voltage @Irrm=10uA
V
Maximum RMS Voltage
V
Maximum DC Blocking Voltage (TA=25℃)
V
Peak Forward Surage Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
A
Maximum Inst. Forward Voltage Drop,
IF at 80Amp
V
Operating Temperature Range
Storage Temperature Range
Rev. 7, 16-Mar-2017
VF
IR
10
200
140
200
IFSM
REVERSE VOLTAGE -200 to 600Volts
FORWARD CURRENT -35 Amperes
UNIT
PD3504P(N)
PD3506P(N)
SYMBOL
MARKING
PD3502P(N)
3502
uA
PD3502P(N) thru PD3506P(N)
400
600
280
3504
3506
VRRM
VRMS
GLASS PASSIVATED AUTO RECTIFIERS
TSTG
Ring color
500
CHARACTERISTICS
Maximum Average Forward Current IO@TC=150℃
60HZ,resistive or inductive load
Maximum DC Reverse Current (VB)@TJ=25℃
At Rated DC Bolcking Voltage (VB)@TJ=175℃
420
400
600
-40to+175
VB
I(AV)
A
35
450
1.1
-40to+175
TJ
PRESS-FIT
.500(12.70)
.506(12.85)
.409(10.4)
.417(10.6)
.042(10.7)
.044(11.1)
.049(1.25)
.053(1.35)
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ


Similar Part No. - PD3502P_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD3535 OSRAM-PD3535 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3535 OSRAM-PD3535 Datasheet
937Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
PD3536 OSRAM-PD3536 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3536 OSRAM-PD3536 Datasheet
937Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
PD3537 OSRAM-PD3537 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results

Similar Description - PD3502P_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
PD3502P HY-PD3502P Datasheet
43Kb / 2P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5018P HY-PD5018P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P Datasheet
41Kb / 2P
   GLASS PASSIVATED AUTO RECTIFIERS
PD3518P HY-PD3518P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
PD5002P HY-PD5002P_17 Datasheet
140Kb / 3P
   GLASS PASSIVATED AUTO RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
PL3518GP YENYO-PL3518GP Datasheet
651Kb / 2P
   Glass Passivated Auto Rectifier
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com