Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWI15-24-E Datasheet(PDF) 2 Page - CUI INC

Part # SWI15-24-E
Description  over voltage, over current, and short circuit protections
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI15-24-E Datasheet(HTML) 2 Page - CUI INC

  SWI15-24-E Datasheet HTML 1Page - CUI INC SWI15-24-E Datasheet HTML 2Page - CUI INC SWI15-24-E Datasheet HTML 3Page - CUI INC SWI15-24-E Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 03/08/2017
│ page 2 of 4
CUI Inc
│ SERIES: SWI15-E │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.5
A
inrush current
at 240 Vac, 25°C, cold start
50
A
leakage current
0.25
mA
no load power consumption
0.075
W
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage set point accuracy
at 60% load
±2
%
line regulation
measured from 100~240 Vac, full load
±1
%
load regulation
measured from 60~100% load and 60~20% load
5 Vdc output model
all other models
±4
±2
%
%
hold-up time
at 115 Vac
10
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
hiccup mode, auto recovery
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
7.14
12.1
15.8
19.5
28.4
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup mode, auto recovery
120
140
%
short circuit protection
continuous, hiccup mode, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
4,242
Vac
Vdc
isolation resistance
input to output
100
MΩ
safety approvals
GS EN 60950-1, IEC 60950-1
safety class
Class II
EMI/EMC
CE, EN 55022 Class B
MTBF
as per MIL-HDBK-217F at 115 Vac, full load, 25°C
330,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-20
40
°C
storage temperature
-20
85
°C
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI15-24-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI15-24-E CUI-SWI15-24-E Datasheet
509Kb / 5P
   AC-DC POWER SUPPLY
03/11/2021
More results

Similar Description - SWI15-24-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
ETMA-200W-U CUI-ETMA-200W-U Datasheet
685Kb / 5P
   over voltage, overload and short circuit protections
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
Delta Electronics, Inc.
ADP-19V DELTA-ADP-19V Datasheet
461Kb / 5P
   Over-Voltage/Load/Temperature & Short Circuit protections
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com