Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2-35654A-SMT-TR Datasheet(PDF) 1 Page - CUI INC

Part # SJ2-35654A-SMT-TR
Description  mid mount SMT for low profile designs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-35654A-SMT-TR Datasheet(HTML) 1 Page - CUI INC

  SJ2-35654A-SMT-TR Datasheet HTML 1Page - CUI INC SJ2-35654A-SMT-TR Datasheet HTML 2Page - CUI INC SJ2-35654A-SMT-TR Datasheet HTML 3Page - CUI INC SJ2-35654A-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 12/14/2016
page 1 of 4
cui.com
MODEL: SJ2-35654A-SMT-TR
│ DESCRIPTION: AUDIO JACK
FEATURES
• mid mount SMT for low profile designs
• gold flash terminal plating
• right angle
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
at a rate of 24 cycles/minute
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
2. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow profile
255
260
265
°C
150
50
270
260
250
240
217
180
120
60
70
140
250340
380430
60
120
180
240300
360
420
480
Time (sec)
For more information, please visit the product page.


Similar Part No. - SJ2-35654A-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35043A-SMT CUI-SJ2-35043A-SMT Datasheet
535Kb / 4P
   gold flash terminal plating
SJ2-35043C-SMT CUI-SJ2-35043C-SMT Datasheet
535Kb / 4P
   gold flash terminal plating
SJ2-3504X-SMT CUI-SJ2-3504X-SMT Datasheet
535Kb / 4P
   gold flash terminal plating
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
SJ2-3514A-SMT-TR CUI-SJ2-3514A-SMT-TR Datasheet
439Kb / 4P
   reflow solder compatible
More results

Similar Description - SJ2-35654A-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35564A-SMT-TR CUI-SJ2-35564A-SMT-TR Datasheet
421Kb / 4P
   mid mount SMT for low profile designs
SJ2-2577X-SMT CUI-SJ2-2577X-SMT Datasheet
613Kb / 4P
   mid mount SMT for low profile designs
SJ2-35326D-SMT-TR CUI-SJ2-35326D-SMT-TR Datasheet
425Kb / 4P
   mid mount SMT for low profile designs
SJ2-35355A-SMT-TR CUI-SJ2-35355A-SMT-TR Datasheet
479Kb / 4P
   mid mount SMT for low profile designs
SJ2-3534A-SMT-TR CUI-SJ2-3534A-SMT-TR Datasheet
416Kb / 4P
   mid mount SMT for low profile designs
SJ-3502-SMT CUI-SJ-3502-SMT Datasheet
185Kb / 3P
   mid mount for low profile applications
logo
Kycon, Inc.
GMJXHT KYCON-GMJXHT Datasheet
950Kb / 1P
   Low Profile Mid Mount Modular Jack
KUSBX-MM KYCON-KUSBX-MM Datasheet
608Kb / 1P
   USB C Type Mid Mount SMT Contacts
logo
M/A-COM Technology Solu...
AN3003 MA-COM-AN3003 Datasheet
54Kb / 3P
   Integrating SMT Synthesizer Solutions into Wireless Designs
logo
Global Connector Techno...
USB4520 GCT-USB4520 Datasheet
168Kb / 2P
   USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com